Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 187 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 187 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 183Page - National Semiconductor (TI) PC87338 Datasheet HTML 184Page - National Semiconductor (TI) PC87338 Datasheet HTML 185Page - National Semiconductor (TI) PC87338 Datasheet HTML 186Page - National Semiconductor (TI) PC87338 Datasheet HTML 187Page - National Semiconductor (TI) PC87338 Datasheet HTML 188Page - National Semiconductor (TI) PC87338 Datasheet HTML 189Page - National Semiconductor (TI) PC87338 Datasheet HTML 190Page - National Semiconductor (TI) PC87338 Datasheet HTML 191Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 221 page
background image
187
www.national.com
76
543
210
Reset
Required
0
0
0
0
0
0
0
0
or Current Count LSB
Register
Bank 4,
Least Significant Bits of
Reception Frame Maximum Length LSB
Reception Frame Length
or Current Count
(RFRML(L) or RFRCC(L))
Offset 06h
76
54
321
0
Reset
Required
0
0
0
1
0
0
0
0
0
0
0
or Current Count MSB
Register
Bank 4,
Most Significant Bits of
Reception Frame Length
Reception Frame Maximum Length MSB
or Current Count
Reserved
(RFRML(H) or RFRCC(H))
Offset 07h
76
543
21
0
Reset
Required
x
x
x
x
x
x
x
x
High/Low Divisor Byte
Divisor Low sand High Byte
Pipeline Baud Rate Generator
(P_LBGD(L)
Offsets 00h,01h
and P_BGD(H))
Bank 5,
and P_BGD(H))
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
Pipeline Mode
Register (P_MDR)
Bank 5,
P_DMA_EN
Reserved
P_MDSL0
P_MDSL1
P_MDSL2
MD_PEN
P_DMASWP
Offset 02h
BR_PEN
7
654
321
0
Reset
Required
0
1
0
0
0
0
0
0
0
Register 2
(IRCR2)
Bank 5,
MDRS
AUX_IRRX
FEND_MD
SFTSL
Reserved
IR_FDPLX
IRMSSL
TX_MS
Infrared Control
Offset 04h
76
54
321
0
Reset
Required
FIFO Bottom Register
(FRM_ST)
Bank 5,
Frame Status at
BAD_CRC
MAX_LEN
Reserved
LOST_FR
VLD
OVR2
OVR1
PHY_ERR
Offset 05h
0
0
0
0
0
0
0
0
76
54
321
0
Reset
Required
x
x
x
x
x
x
x
x
Register (LSTFRC)
Bank 5,
Least Significant Bits of
Lost Frame Count LSB
Received Frame Length FIFO Bottom
or of the Lost Frame Count
Reception Frame Length FIFO Bottom
LSB Register (RFRL(L)) or
Offset 06h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com