Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 190 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 190 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 186Page - National Semiconductor (TI) PC87338 Datasheet HTML 187Page - National Semiconductor (TI) PC87338 Datasheet HTML 188Page - National Semiconductor (TI) PC87338 Datasheet HTML 189Page - National Semiconductor (TI) PC87338 Datasheet HTML 190Page - National Semiconductor (TI) PC87338 Datasheet HTML 191Page - National Semiconductor (TI) PC87338 Datasheet HTML 192Page - National Semiconductor (TI) PC87338 Datasheet HTML 193Page - National Semiconductor (TI) PC87338 Datasheet HTML 194Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 221 page
background image
190
www.national.com
6.0 DMA and Interrupt Mapping
The Chip provides Plug and Play support.
6.1
DMA SUPPORT
6.1.1
Legacy Mode
Table 98 shows the conditions under which DMA re-
quest signals are put in TRI-STATE, in legacy mode.
For each DMA signal to be put in TRI-STATE, every
column must have one true condition. If no condition
is true in any one column, the signal is not put in TRI-
STATE.
6.1.2
Plug and Play Mode
The Chip allows the Floppy Disk Controller (FDC), the
parallel port and SCC2 to be connected to three 8-bit
DMA channels.
It is illegal to configure a pair of DMA signals to more
than one DMA source.
A pair of DMA signals may be configured to a specific
device only when the device is disabled.
Upon reset, DRQ2 and DACK2 are used by the FDC.
A DRQ line is in TRI-STATE and the DACK line input
is blocked to 1, when any of the following conditions
is true:
• When no device is mapped to the DMA channel.
• When the device mapped to the DMA channel is
inactive.
In Plug and Play mode, this condition is true for all
devices.
In Legacy mode, this condition is true only for
SCC2 and the parallel port, controlled by bit 2 of
the FER register and bit 2 of the PCR register, re-
spectively.
• When the device mapped to the DMA channel
floats its DRQ line.
Table 99 shows the conditions that put DMA request
signals in TRI-STATE, in Plug and Play mode. For
each DMA signal to be put in TRI-STATE, every col-
umn must have one true condition. If no condition is
true in any one column, the signal is not put in TRI-
STATE.
TABLE 98. DMA Support in Legacy Mode
TABLE 99. DMA Support in Plug and Play Mode
DMA Signal
Conditions for DRQx
a to be in TRI-STATE
Parallel Port
FDC
SCC2
DRQx
a
a. x = 0, 1 or 2
DRQx
a not selected
or
bit 2 of PCR = 0
or
bit 2 of PCR = 1
and bit 3 of ECR =0
DRQx
a not selected
or
bit 3 of DOR = 0
and bit 7 of ASC = 1
DRQx
a not selected
or
bit 2 of FER. = 0
DMA Signal
Conditions for DRQx
a to be in TRI-STATE
Parallel Port
FDC
SCC2
DRQx
a
a. x = 0, 1 or 2
DRQx
a not selected
or
bit 0 of FER = 0
or
bit 2 of PCR = 0
or
bit 2 of PCR = 1
and bit 3 of ECR =0
DRQx
a not selected
or
bit 3 of FER = 0
or
bit 3 of DOR = 0
and bit 7 of ASC = 1
DRQx
a not selected
or
bit 2 of FER = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com