Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 62 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 58Page - STMicroelectronics STV2050A Datasheet HTML 59Page - STMicroelectronics STV2050A Datasheet HTML 60Page - STMicroelectronics STV2050A Datasheet HTML 61Page - STMicroelectronics STV2050A Datasheet HTML 62Page - STMicroelectronics STV2050A Datasheet HTML 63Page - STMicroelectronics STV2050A Datasheet HTML 64Page - STMicroelectronics STV2050A Datasheet HTML 65Page - STMicroelectronics STV2050A Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 83 page
background image
62/83
STV2050A - SECURITIES
14 SECURITIES
14.1 OVERVIEW
The STV2050A can prevent overcurrents in the convergence coils, or poor programming,
using the following controls:
– At power-on reset, or after a reset, all analog outputs are disabled, and the STV2050A waits
until at least 2 pulses of each horizontal and vertical signals are received.
– As long as the internal set-up is not achieved, the outputs remain disabled. The setup dura-
tion is typically 2 field periods.
– When setup is achieved, the DAC outputs are not fully released and the values are reduced
50% during one field.
– The transfer between EEPROM and embedded RAM of the data stored in register E9 is pro-
tected by a Hamming code.
– During normal operating mode, each convergence value stored in the embedded RAM is
checked by a parity checker before it is applied to the DACs. If a parity error occurs, the S19
bit in the E3, E4, E5 and E9 resisters are set as follows.
An error flag is available in read mode through the slave I²C BUS.
14.2 HAMMING ENCODING
The E9 register contains certain values which are protected by a Hamming code: :EEPRO-
Madd[2:0], ADS[1:0] and RWM[2:0]. The Hamming code is stored in the HAM[3:0] bits in the
E9 register.
S19
0: Parity OK
1: Parity error
MSB
LSB
D0 BYTE
D1 BYTE
D2 BYTE
ADD
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
E9
EEPRO-
Madd [2:0]
X
X
X
ADS[
1:0]
RWM [2:0]
X
HAM[3:0]
X
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com