Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 51 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 47Page - STMicroelectronics STV2050A Datasheet HTML 48Page - STMicroelectronics STV2050A Datasheet HTML 49Page - STMicroelectronics STV2050A Datasheet HTML 50Page - STMicroelectronics STV2050A Datasheet HTML 51Page - STMicroelectronics STV2050A Datasheet HTML 52Page - STMicroelectronics STV2050A Datasheet HTML 53Page - STMicroelectronics STV2050A Datasheet HTML 54Page - STMicroelectronics STV2050A Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 83 page
background image
51/83
STV2050A - CONVERGENCE
The STV2050A can generate a special convergence signal (cursor) controlled by the GCD bit
in the E3 register.
TThe cursor action is selected by the DHV bit in the E3 register.
During field offset measuring lines, the values applied to the DACs for each channel are given
by the MVR[7:0] bits for red, MVG[7:0] bits for green and MVB[7:0] bits for blue in the E8 reg-
ister.
In vertical cursor mode, the resulting values applied to the DACs are first positive, then in-
verted on the following TV line. In horizontal mode, the values are inverted at each TV line.
Figure 27. Gain Cursors
When using this mode, the STV2050A must be correctly set in order to recognize the inter-
laced field. The IIE bit in the DA register must be set to 1.
9.8 CONVERGENCE OUTPUTS
The values of the six convergence channels are converted by 14-bit DACs with a differential
current output.
GCD
0 = Cursor Off
1 = Cursor On
DHV
0 = Horizontal Cursor
1 = Vertical Cursor
n’
-A
+A
Vertical Gain Adjustment
Horizontal Gain Adjustment
n’
n’+4
n’+2
n’+1
n’+3
n+1
n+3
n
n+4
n+2
- A
+ A
n+5
Middle of
Video Grid
(Odd)
n
n+1
(Even)
(Even)
(Even)
(Even)
(Odd)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com