Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 9Page - STMicroelectronics STV2050A Datasheet HTML 10Page - STMicroelectronics STV2050A Datasheet HTML 11Page - STMicroelectronics STV2050A Datasheet HTML 12Page - STMicroelectronics STV2050A Datasheet HTML 13Page - STMicroelectronics STV2050A Datasheet HTML 14Page - STMicroelectronics STV2050A Datasheet HTML 15Page - STMicroelectronics STV2050A Datasheet HTML 16Page - STMicroelectronics STV2050A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
13/83
STV2050A - STRUCTURE OF THE PROGRAMMING SYSTEM
2.2 OVERVIEW OF EMBEDDED RAM ORGANIZATION
The RAM consists of 3 banks:
The first one, the “Red and I²C Bank”, uses 24-bit words. The two other banks, the “Green
Bank” and “Blue Bank”, both use 22-bit words. Each bank has 208 words with addresses from
00(hex) to CF(hex).
These 3 x 208 words are allocated to the “dynamic” convergence parameters. (Refer to Sec-
tion 4.1 "CONVERGENCE CORRECTION VALUES" on page 18.)
The “Red and I²C Bank” has 33 additional words: addresses from D0(hex) to EF(hex) and
FE(hex). These words are used to buffer the I²C Bus registers.
As shown in this figure, each word can be pointed to by a sub-address (SA). Thus, each sub-
address points to 24- (or 22-, depending on the bank) bit wide words. A word virtually consists
of three bytes (24-bits) named D0, D1 and D2 as shown in the following figure. The bit order
is named as follows: D0[7] is the MSB and D2[0] is the LSB
Note: Bit D0[7:6] is not physically implemented in the “Green” and “Blue” banks.
MSB
LSB
D0 Byte
D1 Byte
D2 Byte
Bit
765
432107
65432
107654
3210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com