Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 45 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 41Page - STMicroelectronics STV2050A Datasheet HTML 42Page - STMicroelectronics STV2050A Datasheet HTML 43Page - STMicroelectronics STV2050A Datasheet HTML 44Page - STMicroelectronics STV2050A Datasheet HTML 45Page - STMicroelectronics STV2050A Datasheet HTML 46Page - STMicroelectronics STV2050A Datasheet HTML 47Page - STMicroelectronics STV2050A Datasheet HTML 48Page - STMicroelectronics STV2050A Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 83 page
background image
45/83
STV2050A - CONVERGENCE
9 CONVERGENCE
The STV2050A generates convergence values from parameters which are stored in the em-
bedded RAM after having being loaded down from the EEPROM. These parameters can be:
– Common for the entire screen area for each color. They are called “common values”. They
are used for global adjustments, as they have the same effect on all the convergence values
of the same color and in the same direction (horizontally or vertically).
They are used mainly:
– To pre-adjust the geometry and convergence, as well as to reduce the necessary action on
each separate point,
– To compensate the tolerances of the offset and gain for the external components.
– Dedicated to each value of the net of 16 points horizontally by 13 points horizontally. They
are called “dynamic values”,
– Added as an offset frame by frame (interlacing),
– Forced to special values in alignment modes or during startup and security modes.
Figure 26. Convergence Values Computation Path
9.1 GLOBAL ADJUSTMENTS - COMMON PARAMETERS
Three sets of parameters are available for each red, green and blue channel for each hori-
zontal and vertical direction:
– Position offset,
– Gain correction,
– Offset canceller.
Dynamic
values
Position
Offset
(" Static" )
E1 , E2
Gain correction
coarse : E0
fine : D0, D1
Field offset
canceller
D2, D3
to
convergence
outputs
Common values
Interlace
DA
Measuring
E8
Calibration
DC, DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com