Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 19Page - STMicroelectronics STV2050A Datasheet HTML 20Page - STMicroelectronics STV2050A Datasheet HTML 21Page - STMicroelectronics STV2050A Datasheet HTML 22Page - STMicroelectronics STV2050A Datasheet HTML 23Page - STMicroelectronics STV2050A Datasheet HTML 24Page - STMicroelectronics STV2050A Datasheet HTML 25Page - STMicroelectronics STV2050A Datasheet HTML 26Page - STMicroelectronics STV2050A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 83 page
background image
23/83
STV2050A - TIMEBASES
The N(clk/line) ratio between the system clock and the incoming sync signal is calculated using
the HGD[5:0] and HRD[5:0] values in the D8 register. (Refer to Section 7.2.1 "Horizontal Grid
Adjustment" on page 35):
N(clk/line) = 14 ∗ (HGD+1) + 2 ∗ (HRD+1)
where:
N(clk/line) < 512
HGD
>
15
HRD
>
15
For all modes, in normal operation, the incoming timing signal at the SYNH pin will not have a
phase deviation greater than
± 2 µs from line to line. Greater phase deviations may occur
when switching modes or changing channels. The PLL is expected to recover from these
events and lock within one vertical field of consistent phase that is within the normal horizontal
operation limits.
5.2 SYNCHRONIZATION INPUTS
The two synchronization inputs, SYNH (pin 27) and SYNV (pin 28) slice the Line or the Frame
Flyback, respectively, via a Schmitt trigger.
This also ensures a very stable detection of the synchronization signals, regardless of the
temperature.
Figure 10. Synchronisation Signals
5.3 HORIZONTAL TIMEBASE
The horizontal timing is based on the built-in PLL.
5.3.1 Horizontal DAC Phase
In order to compensate the delay of the external amplifiers and the response time of the con-
vergence coils (td), the values for convergence correction are given out prior to the corre-
sponding horizontal video position. The time delay between video position and the output of
V
up
V
CC
V
in
0
1
Logic
Level
(1)
(2)
V
down
V
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com