Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 36 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 32Page - STMicroelectronics STV2050A Datasheet HTML 33Page - STMicroelectronics STV2050A Datasheet HTML 34Page - STMicroelectronics STV2050A Datasheet HTML 35Page - STMicroelectronics STV2050A Datasheet HTML 36Page - STMicroelectronics STV2050A Datasheet HTML 37Page - STMicroelectronics STV2050A Datasheet HTML 38Page - STMicroelectronics STV2050A Datasheet HTML 39Page - STMicroelectronics STV2050A Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 83 page
background image
36/83
STV2050A - VIDEO PATTERN GENERATOR
Figure 18. Vertical Grid Adjustment
If the VGP bit is programmed to 0, the grid starts with the first line following the two lines that
are reserved for the register update procedure.
The allowed range for the VGP is included between the 0 and 511 video lines.
7.3 CURSOR
7.3.1 Cursor Size
The cursor is available in different shapes. The shape is selected by the PAS[3] cursor-type bit
in the EA register.
7.3.2 Cursor Position
The position of the cursor is determined by the most recent write command on the I²C bus.
The embedded RAM addresses of dynamic convergence correction values correspond di-
rectly to grid positions on the screen. They represent cursor positions as well.
If the CPV (Cursor Position Vertical) value exceeds the 0...C(hex) range, the cursor is not dis-
played.
If a new write address is within the accepted grid range (after having exceeded the range), the
cursor pattern is re-displayed (unless the cursor display is turned off).
PAS[3]
0: Small Cursor
1: Large Cursor
12
0
1
2
3
4
5
6
visible
screen
area
V-Retrace
VGP+2
VGD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com