Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 18Page - STMicroelectronics STV2050A Datasheet HTML 19Page - STMicroelectronics STV2050A Datasheet HTML 20Page - STMicroelectronics STV2050A Datasheet HTML 21Page - STMicroelectronics STV2050A Datasheet HTML 22Page - STMicroelectronics STV2050A Datasheet HTML 23Page - STMicroelectronics STV2050A Datasheet HTML 24Page - STMicroelectronics STV2050A Datasheet HTML 25Page - STMicroelectronics STV2050A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
22/83
STV2050A - TIMEBASES
5 TIMEBASES
5.1 LINE LOCKED PLL AND SYSTEM CLOCK
A frequency-multiplying PLL derives the internal
system clock from the incoming signal at the
SYNH pin. This signal is derived from horizontal deflection.
Figure 9. Line-Locked PLL and System Clock
The PLL is designed to drive 1H, 2H, HDTV and SVGA applications. Two loop filters can be
implemented using the FILT (pin 24) and FLT2 (pin 25) pads. The selection can be forced by
the PRS bit in the D5 register.
The horizontal deflection is often turned off when switching TV set modes. Therefore the PLL
provides a base frequency when the external sync signal is missing (both H and V sync sig-
nals are missing).
PRS
0 = FILT selected (2H and above range operation recommended)
1 = FLT2 selected (1H range operation recommended)
PLL
15 K
10 nF
15 K
10 nF
100 nF
1.5 nF
SYNH
PRS
STV2050A
System
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com