Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 29 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 25Page - STMicroelectronics STV2050A Datasheet HTML 26Page - STMicroelectronics STV2050A Datasheet HTML 27Page - STMicroelectronics STV2050A Datasheet HTML 28Page - STMicroelectronics STV2050A Datasheet HTML 29Page - STMicroelectronics STV2050A Datasheet HTML 30Page - STMicroelectronics STV2050A Datasheet HTML 31Page - STMicroelectronics STV2050A Datasheet HTML 32Page - STMicroelectronics STV2050A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 83 page
background image
29/83
STV2050A - MASTER I²C BUS INTERFACE
6.1 READ OPERATION MODES
Two modes of read sequences are implemented by selecting the RWM[1:0] bits.
6.2 WRITE OPERATION MODES
Three modes of write sequences are implemented by selecting the RWM[1:0] bits.
6.3 POWER-ON SEQUENCE
At power-on, the master interface runs a special sequence to build up the convergence cor-
rection data and the STV2050A RAM is loaded with data from a user-specified EEPROM.
6.4 SECURITY FEATURE DURING DATA TRANFERS
Since access to an EEPROM register is critical with respect to system performance, all
EEPROM access commands in the E9 register, together with the corresponding addresses,
are protected by the 2-bit, error-detecting Hamming code. If the circuit detects an error, the
Master will not initiate an EEPROM access and an error bit will be set in the status register.
If any errors are detected during the transmission of data on the I²C bus, the transmission is
stopped and the corresponding STX[3] bit in the status section of the E9 register is set.
6.5 STATUS INFORMATION
Four STX[3:0] bits are available in the status section of the E9 register. These bits continu-
ously reflect the activity and the error status of the master I²C bus interface.
– STX[3] = ´TRANSMISSION ERROR´
This bit is set to low if an error in the transmission of an EEPROM access command was
detected. It remains low until the next error-free transmission to register E9 is completed.
– STX[2] = ´EEPROM ACCESS FINISHED´
This bit is set to low when the master I²C-bus interface has completed bus activities. This bit
does not display the completion of an EEPROM access. This bit is set high by the master at
the start of a new bus sequence or by the slave after reading status register E9.
– STX[1] = ´EEPROM R/W´
This bit is set to low when the master has initiated an access to the EEPROM. It remains low
until the sequence is finished or the sequence is terminated by an access error.
RWM[1:0]
11 (bin): Read all convergence data and an ADS
10 (bin): Read an ADS only
RWM[1:0]
01 (bin): Write all convergence data and one of the three ADSs
00 (bin): Write only one of the ADSs
10 (bin): Write only the “static” (position offset) values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com