Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 40 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 36Page - STMicroelectronics STV2050A Datasheet HTML 37Page - STMicroelectronics STV2050A Datasheet HTML 38Page - STMicroelectronics STV2050A Datasheet HTML 39Page - STMicroelectronics STV2050A Datasheet HTML 40Page - STMicroelectronics STV2050A Datasheet HTML 41Page - STMicroelectronics STV2050A Datasheet HTML 42Page - STMicroelectronics STV2050A Datasheet HTML 43Page - STMicroelectronics STV2050A Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 83 page
background image
40/83
STV2050A - VIDEO PATTERN GENERATOR
7.6 AUTO-ALIGNMENT PATTERN
The auto-alignment pattern is a rectangular, highlighted part of a screen with a constant
brightness (horizontal brightness). See Figure 23 "Auto-alignment Video Pattern" on page 40.
The On/Off is controlled by the PAS[4] bit in the EA register
The size and the position of the pattern can be controlled by the EB and EC registers. The pat-
tern is defined by its horizontal and vertical start and stop values: HO1, HG1, HO2, HG2, VO1,
VG1, VO2 and VG2.
Offset position values must be one grid distance smaller than the vertical grid numbers for
start or stop positions.
Figure 23. Auto-alignment Video Pattern
PAS[4]
0: Auto-alignment pattern off
1: Auto-alignment pattern on
HG1[3:0]
Grid number of horizontal pattern start
HO1[5:0]
Offset of horizontal pattern start (number of clock cycles, 1 grid max.)
HG2[3:0]
Grid number of horizontal pattern end
HO2[5:0]
Offset of horizontal pattern end (number of clock cycles, 1 grid max.)
VG1[3:0]
Grid number of vertical pattern start
VO1[5:0]
Offset of vertical pattern start (number of video lines, 1 grid max.)
VG2[3:0]
Grid number of vertical pattern end
VO2[5:0]
Offset of vertical pattern end (number of video lines, 1 grid max.)
HO1
Gridline
HG1
Gridline
HG2
Gridline
VG1
Gridline
VG2
HO2
Autoalignment
Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com