Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 30 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 26Page - STMicroelectronics STV2050A Datasheet HTML 27Page - STMicroelectronics STV2050A Datasheet HTML 28Page - STMicroelectronics STV2050A Datasheet HTML 29Page - STMicroelectronics STV2050A Datasheet HTML 30Page - STMicroelectronics STV2050A Datasheet HTML 31Page - STMicroelectronics STV2050A Datasheet HTML 32Page - STMicroelectronics STV2050A Datasheet HTML 33Page - STMicroelectronics STV2050A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 83 page
background image
30/83
STV2050A - MASTER I²C BUS INTERFACE
– STX[0] =´EEPROM PROBLEM´
If A Read or Write sequence has been terminated with an access error, the STX[0] bit is set
to low. It is set back to high when the master starts the next R/W sequence.
6.6 DATA TRANSFER BETWEEN RAM AND EEPROM
Data is transfered using the following I²C BUS sequence after a bit in the E9 register has been
read or written: S DW SA D0 D1 D2 P
Where:
– SA = E9: Selection of the E9 register, EEPROMadd[2:0] is the hardware EEPROM address
used by the I²C Master,
– RWM[2:0] selects the Read or Write mode as previously described,
– HAM[2:0]: Hamming code used to protect the D0[7:0] and D1[7:4] data bits. Refer to Section
14.2 "HAMMING ENCODING" on page 62.
The total transfer lasts approximately 200 ms if the I²C master clock is operating at 70 kHz.
MSB
LSB
BYTE D0
BYTE D1
BYTE D2
ADD
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
E9
EEPRO-
Madd [2:0]
XXX
ADS[
1:0]
RWM [2:0]
X
HAM[3:0]
X
X
X
X
STX[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com