Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 21Page - STMicroelectronics STV2050A Datasheet HTML 22Page - STMicroelectronics STV2050A Datasheet HTML 23Page - STMicroelectronics STV2050A Datasheet HTML 24Page - STMicroelectronics STV2050A Datasheet HTML 25Page - STMicroelectronics STV2050A Datasheet HTML 26Page - STMicroelectronics STV2050A Datasheet HTML 27Page - STMicroelectronics STV2050A Datasheet HTML 28Page - STMicroelectronics STV2050A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 83 page
background image
25/83
STV2050A - TIMEBASES
Autocalibration can take place either during the full line, or during the line retrace only. This is
controlled by the ACW bit in the D8 register.
If the “During Line Retrace Only” autocalibration is selected, the number of DAC cells cali-
brated during each line retrace is defined by the AFS[1:0] value in the D8 register.
Two autocalibration modes can be selected by the AMS[0] bit in the D5 register.
The time interval for auto-calibration is normally centred to the retrace. But it is possible to ad-
just the start point by programming the ASP[2:0] bits in the D8 register. One step corresponds
to one system clock cycle.
5.4 VERTICAL TIME BASE
5.4.1 Vertical Synchronization Signal
The vertical timing is based on the vertical deflection signal. A debounce filter is implemented
to prevent interference on the SYNV signal caused by crosstalk, mainly from horizontal deflec-
tion. This filter accepts a rising edge of the SYNV signal only when SYNV is 'LOW' for a time
≥ 8 TV lines (determined by 8 pulses at the SYNH input).
Figure 12. Vertical Synchronization Signal
ACL[1:0]
00: No calibration
01: Division by 16
10: Division by 32
11: Division by 48
ACW
0: During line retrace only
1: During the full line
AFS[1:0]
00: 1 cell / line
01: 2 cells / line
10: 3 cells / line
11: 4 cells / line
AMS[0]
0: The autocalibration process is not synchronized to vertical timing
1: The autocalibration is synchronized to vertical IC timing. The counter
which selects the DAC cells that are to be calibrated is reset on each
frame retrace.
> 8H
V - deflection
SYNV
VSYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com