Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 20Page - STMicroelectronics STV2050A Datasheet HTML 21Page - STMicroelectronics STV2050A Datasheet HTML 22Page - STMicroelectronics STV2050A Datasheet HTML 23Page - STMicroelectronics STV2050A Datasheet HTML 24Page - STMicroelectronics STV2050A Datasheet HTML 25Page - STMicroelectronics STV2050A Datasheet HTML 26Page - STMicroelectronics STV2050A Datasheet HTML 27Page - STMicroelectronics STV2050A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 83 page
background image
24/83
STV2050A - TIMEBASES
the corresponding convergence correction value is defined by the Horizontal DAC phase
HDP[6:0] value in the DB register.
The following range for the horizontal DAC phase is allowed:
0
≤ HDP ≤ 2 × HGD
The timing of the DAC output leads the most if HDP is equal to zero.
Figure 11. Horizontal DAC Phase
5.3.2 Horizontal Width Adjustment
In order to fit the video pattern into the full visible area of the screen, the width of the pattern
may be adjusted. Horizontal width adjustment is done by changing the number of clock cycles
between the vertical grid lines during retrace and the visible grid. The timing for the corre-
sponding DAC values is changed accordingly. Refer to Section 7.2.1 "Horizontal Grid Adjust-
ment" on page 35.
5.3.3 Auto-Calibration of DACs
All the DACs of the STV2050A can be automatically calibrated. This feature ensures a high
matching stability in both time and temperature. The process involves the sequential calibra-
tion of 120 cells.
To ensure optimal results, each cell must be calibrated at least every 4 ms.
The duration of one cell calibration must be greater than 2us. This duration is controlled by the
internal “calibration clock”. The calibration clock is generated using a divider of the system
clock. (Refer to Section 5.1 "LINE LOCKED PLL AND SYSTEM CLOCK" on page 22). The di-
vision ratio is programmable via the ACL[1:0] bits in D8.
HGN
n
n-1
n-2
n-3
n+1 n+2 n+3
HGRID
HGD HGD
HDP
n
n-1
n-2
n+1
n+2
n+3 n+4
DAC
output
coil
current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com