Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 32 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 28Page - STMicroelectronics STV2050A Datasheet HTML 29Page - STMicroelectronics STV2050A Datasheet HTML 30Page - STMicroelectronics STV2050A Datasheet HTML 31Page - STMicroelectronics STV2050A Datasheet HTML 32Page - STMicroelectronics STV2050A Datasheet HTML 33Page - STMicroelectronics STV2050A Datasheet HTML 34Page - STMicroelectronics STV2050A Datasheet HTML 35Page - STMicroelectronics STV2050A Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
32/83
STV2050A - VIDEO PATTERN GENERATOR
7 VIDEO PATTERN GENERATOR
The STV2050A provides a built-in video pattern generator for convergence adjustments. The
RGB signals are generated by 4-bit DACs with a voltage output. The FBLK signal is used to
switch the RGB source inside the TV set. The FBLK is a fixed-voltage output. The video pat-
tern generator delivers five types of video patterns:
– Cross-Hatch Grid:
Displays the physical locations corresponding to the stored correction values. Refer to Sec-
tion 7.2 "CROSS-HATCH GRID" on page 35.
– Cursor:
A crosshair is displayed at the place corresponding to the current addressed memory loca-
tion.
– Border Lines:
Used to adjust the convergence at the horizontal and vertical edges of the visible screen ar-
ea. Refer to Section 7.4 "BORDER LINES" on page 37.
– Gain Adjustment Lines:
Used to easily adjust the gain of the convergence channels and to optimize interlace mode.
– Auto-alignment Pattern:
Supports an auto-alignment procedure.
The video generator also produces the control signals for the optional optical loop functions.
The patterns can be modified using several parameters in the registers of the STV2050A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com