Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 48 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 44Page - STMicroelectronics STV2050A Datasheet HTML 45Page - STMicroelectronics STV2050A Datasheet HTML 46Page - STMicroelectronics STV2050A Datasheet HTML 47Page - STMicroelectronics STV2050A Datasheet HTML 48Page - STMicroelectronics STV2050A Datasheet HTML 49Page - STMicroelectronics STV2050A Datasheet HTML 50Page - STMicroelectronics STV2050A Datasheet HTML 51Page - STMicroelectronics STV2050A Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 83 page
background image
48/83
STV2050A - CONVERGENCE
9.4 CALIBRATION
Calibrations can be carried out during manufacturing, or during the normal TV operating mode
using the automatic self-alignment procedure via the electrical loop. Refer to Section 11
"ELECTRICAL LOOP" on page 55.
9.5 INTERPOLATION
The 10-bit dynamic correction values are expanded by interpolation to 14 precision bits.
The interpolation of the correction values stored in the embedded RAM produces correction
values for the lines between the grid lines.
9.5.1 Vertical Filter
A vertical interpolation is performed by the STV2050A in order to provide a smooth correction
transition between the stored points. A complex algorithm is implemented in order to improve
the interline geometrical aspect, even when not aligned during chassis production or by the
end user.
9.5.2 Horizontal Filter
For each of the three convergence correction channels, an interpolation filter is implemented
to calculate the correction values between horizontally-adjacent correction values. Different
configuration options are programmable using the D8 register.
The positions of the calculated additional correction values are timed independently for the
visible grid and the retrace grids.
Since operating the filters will increase the DAC frequency by a factor of 2 and 4 respectively,
it may be necessary to switch off the filters during the horizontal retrace if the retrace time is
short and the line frequency is high. In this case, the filter input data, coming from the vertical
interpolation, will be fed directly to the convergence DACs. In any case, this data is processed
by the filters in parallel to avoid any discontinuity when the filters are switched back into the
data paths.
9.6 NORMAL TV OPERATION MODE
The following bits must remain at logical “1” in the E3 register as defined by the default values
during reset:
– the CDO bit (refer to Section 9.8 "CONVERGENCE OUTPUTS" on page 51),
HIF[1:0]
00: Filter is not active
11: Filter is not active
01: Filter is a 3-tap FIR filter (2 values per grid)
10: Filter is a 5-tap FIR filter (4 values per grid)
FSO
0: Filter is switched off during horizontal retrace
1: Filter is running continuously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com