Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 68 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 64Page - STMicroelectronics STV2050A Datasheet HTML 65Page - STMicroelectronics STV2050A Datasheet HTML 66Page - STMicroelectronics STV2050A Datasheet HTML 67Page - STMicroelectronics STV2050A Datasheet HTML 68Page - STMicroelectronics STV2050A Datasheet HTML 69Page - STMicroelectronics STV2050A Datasheet HTML 70Page - STMicroelectronics STV2050A Datasheet HTML 71Page - STMicroelectronics STV2050A Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 83 page
background image
68/83
STV2050A - ELECTRICAL CHARACTERISTICS
20.8 HORIZONTAL AND VERTICAL SYNCHRONIZATION INPUTS
20.9 TBU OUTPUTS
20.10 ELECTRICAL LOOP PADS
Notes:
1. PORA..C Input level can be latched in measuring line or with sys. clock.
2. PORA..C and OPTT input have digital inputs.
3. OPTI is only an input pin.
4. MLIN is only an output pin. It sends a pulse during the measuring line(M_Line, see ‘gain range control’). The signal can
be used to gate the comparators at the PORT A...C pins or to switch time constants.
Parameter
Min.
Typ.
Max.
Unit
Conditions
Threshold VUP
1.4
1.8
V
Threshold difference VDOWN -
VUP
0.130
V
Temperature drift of VUP
90
mV
Const. supply voltage
Ambient temp. 10×-
70×C
Parameter
Min.
Typ.
Max.
Unit
Conditions
Output voltage at low level
(logical “0”)
0.4
V
2 mA input current
Output voltage at high level
(logical “1”)
2.4
V
2 mA output current
Parameter
Min.
Typ.
Max.
Unit
Conditions
Output voltage at low level
(logical “0”)
0.4
V
2 mA input current
Output voltage at high level
(logical “1”)
2.4
V
2 mA output current
Leakage current at high
impedance
1µA
0 < VOUT < VDD
Output current (GAH = 10 bin.)
-0.5
Irefn
+0.5
%
2 k
Ω load,
Max voltage = 1V
Temperature drift of Ref cur-
rent
± 60
ppm /×C
2 k
Ω load, including
the temperature drift
of the bandgap
Input logical “0”
0.7
V
Input logical “1”
2.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com