Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 63 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 59Page - STMicroelectronics STV2050A Datasheet HTML 60Page - STMicroelectronics STV2050A Datasheet HTML 61Page - STMicroelectronics STV2050A Datasheet HTML 62Page - STMicroelectronics STV2050A Datasheet HTML 63Page - STMicroelectronics STV2050A Datasheet HTML 64Page - STMicroelectronics STV2050A Datasheet HTML 65Page - STMicroelectronics STV2050A Datasheet HTML 66Page - STMicroelectronics STV2050A Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 83 page
background image
63/83
STV2050A - BOOT SEQUENCE
To initiate access to an EEPROM, the MCU must generate this code. A simple method is to
store the values in a single temporary byte TMP[7:0] and to compute each bit of the Hamming
HAM[3:0] bits as follows:
HAM[0] = TMP[4] XOR TMP[3] XOR TMP[2] XOR TMP[1] XOR TMP[0]
HAM[1] = TMP[6] XOR TMP[5] XOR TMP[4] XOR TMP[2] XOR TMP[0]
HAM[2] = TMP[7] XOR TMP[5] XOR TMP[2] XOR TMP[1]
HAM[3] = TMP[7] XOR TMP[6] XOR TMP[4] XOR TMP[3]
14.3 SECURITY OUTPUT
The POUT output can be considered as an open drain from a functional point of view, that is
to say that it can have two electrical states: high impedance or pull-down to the ground.
It can be used, for example, to force all external amplifiers to a secured biasing. Refer to
Figure "" on page 8.
The electrical status of this output is controlled by the PPL bit in the E3 register.
During normal operation it is pulled down to ground:
– if the STV2050A detects a malfunction such as a parity check error or power on reset error.
– until the power-on reset is released.
Otherwise, POUT is set to high impedance. In this case, the logical status of the POUT pin can
be read using the S02 bit in the E3 register.
15 BOOT SEQUENCE
At startup, or following a reset on pin 13, the STV2050A will:
– Immediately disable all the outputs (forced to the “zero current” value, in order to protect the
application against over-currents in the coils for example),
MSB
LSB
TMP BYTE
7
6
5
4
3
2
1
0
EEPROMadd [2:0]
ADS[1:0]
RWM [2:0]
PPL
0: Normal operation
1: High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com