Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 28 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 24Page - STMicroelectronics STV2050A Datasheet HTML 25Page - STMicroelectronics STV2050A Datasheet HTML 26Page - STMicroelectronics STV2050A Datasheet HTML 27Page - STMicroelectronics STV2050A Datasheet HTML 28Page - STMicroelectronics STV2050A Datasheet HTML 29Page - STMicroelectronics STV2050A Datasheet HTML 30Page - STMicroelectronics STV2050A Datasheet HTML 31Page - STMicroelectronics STV2050A Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 83 page
background image
28/83
STV2050A - MASTER I²C BUS INTERFACE
6 MASTER I²C BUS INTERFACE
A master I²C bus implemented in the STV2050A is used to transfer data between the IC em-
bedded RAM and the external 2K x 8-bit EEPROMs (for example, the 24164 manufactured by
ST). The protocol supports up to 7 EEPROM addresses which can be selected using the 3
EEPROMadd[2:0] bits in the E9 register.
Master activities are initiated either by an external reset of the STV2050A, or by commands
from an external MCU via the Slave I²C bus. The following features are implemented in the
Master I²C Bus interface:
– Reset the I²C bus to the EEPROM
– Read a specified data range from EEPROM to RAM
– Write a specified data range from RAM to EEPROM
– Check if an EEPROM register is available
– Power-on sequence
– Security features
– Generate status information
The organization of data in the embedded RAM is completely different from that in the
EEPROM register. Therefore, address transformations are required in both directions. This is
carried out by the STV2050A in a way that is fully transparent for the user.
The external MCU initiates a master access to the EEPROM by writing a command to the E9
address. This command contains information about the type of access and specifies one of
seven EEPROMs (refer to Section 6.6 "DATA TRANSFER BETWEEN RAM AND EEPROM"
on page 30).
The embedded RAM contains convergence correction data and one adjustment data set
(ADS) to control the various modes of the STV2050A. Three ADSs can be stored in the
EEPROM. One of these three sets is selected by the two ADS[1:0] bits in the E9 command to
be mapped to the register RAM area inside the IC.
Any command sent from the MCU to the E9 address while the master is active will be lost.
Also, the EEPROM address which is included in this command will not be accepted.
Before addressing the E9 register, the MCU should check if the master is active. To do this,
the RWM[2:0] bits in the E9 register must be set to “001” (bin). The corresponding status is
given on the STX[2] bit.
If any error are detected during the transmission of data on the EEPROM I²C bus, the trans-
mission is stopped and the corresponding STX[3] bit of the status section of the E9 register is
set.
Read or Write modes can be selected by setting bit RWM[2] in the E9 register.
RWM[2]
0 = Read mode
1 = Write mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com