Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 35 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 31Page - STMicroelectronics STV2050A Datasheet HTML 32Page - STMicroelectronics STV2050A Datasheet HTML 33Page - STMicroelectronics STV2050A Datasheet HTML 34Page - STMicroelectronics STV2050A Datasheet HTML 35Page - STMicroelectronics STV2050A Datasheet HTML 36Page - STMicroelectronics STV2050A Datasheet HTML 37Page - STMicroelectronics STV2050A Datasheet HTML 38Page - STMicroelectronics STV2050A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
35/83
STV2050A - VIDEO PATTERN GENERATOR
7.2 CROSS-HATCH GRID
The convergence values are adjusted and stored for an array of 16 x 13 points. These points
can be displayed by the grid lines of the video generator. The deflection correction at the grid
points corresponds to the digitally stored values. Several programming features are used to
adapt the grid, and therefore the convergence adjustment, to the needs of the application. All
parameters for the grid are included in the data set stored in the internal RAM.
7.2.1 Horizontal Grid Adjustment
The horizontal distance of the grid lines is determined by the values of the HGD[5:0] and
HRD[5:0] bits in the D8 register. Refer to Figure 17 "Horizontal Grid Adjustment" on page 35.
Between each grid line, a minimum of 16 system clock cycles is required for calculating the
convergence. (Refer to Section 5.1 "LINE LOCKED PLL AND SYSTEM CLOCK" on page 22).
The geometrical distance between two vertical grid lines can be modified by adding clock cy-
cles between the visible grid lines (HGD) or by adding clock cycles during the horizontal re-
trace (HRD).
– HGD: horizontal grid distance during active line.
– HRD: horizontal grid distance during line retrace.
The left-right position is controlled by the HGP[6:0] bits in the D7 register.
Figure 17. Horizontal Grid Adjustment
7.2.2 Vertical Grid Adjustment
In the same way, the vertical grid adjustment is done using the VGP[8:0] and VGD[5:0] bits in
the D9 register.
0
1
2
3
4
5
6
7
8
910
12
13
14
15
11
0
1
2
15
Retrace
Retrace
H-Flyback
HSYNC
Grid
(HGP=0)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
1
2
15
0
Retrace
Retrace
Grid
(HGP>0)
HGP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com