Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 37 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 33Page - STMicroelectronics STV2050A Datasheet HTML 34Page - STMicroelectronics STV2050A Datasheet HTML 35Page - STMicroelectronics STV2050A Datasheet HTML 36Page - STMicroelectronics STV2050A Datasheet HTML 37Page - STMicroelectronics STV2050A Datasheet HTML 38Page - STMicroelectronics STV2050A Datasheet HTML 39Page - STMicroelectronics STV2050A Datasheet HTML 40Page - STMicroelectronics STV2050A Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 83 page
background image
37/83
STV2050A - VIDEO PATTERN GENERATOR
7.4 BORDER LINES
Convergence adjustments at the edges of the screen are more difficult because the grid points
which are involved are not visible. Therefore, additional horizontal and vertical border lines are
implemented for making adjustments at these positions.
7.4.1 Border Lines: Left / Right
The horizontal position of the border lines is programmable by the BPH[5:0] bits in the D7 reg-
ister.
Figure 19. Border Lines
Note: The BPH bit must be smaller than the HGD bit.
7.4.2 Border Lines: Bottom / Top
The vertical position of the border lines depends on bits BPV[5:0] in register D7.
00h
The position of the border lines is identical to the vertical grid lines at horizon-
tal grid positions 1 and 15
01h to 1Fh
The border lines move toward the centre of the screen in increments of BPH
clock cycles. The range for the shift of the border line is one horizontal grid
distance.
00h
The position of the horizontal border lines is identical to the horizontal grid lines at posi-
tions 0 and 12.
01h to 1Fh
The horizontal border lines move toward the centre of the screen by BPV video lines.
The allowed range for the BPV value is one vertical grid distance.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
1
15
0
Grid
BPH
BPH
Borderlines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com