Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 56 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 52Page - STMicroelectronics STV2050A Datasheet HTML 53Page - STMicroelectronics STV2050A Datasheet HTML 54Page - STMicroelectronics STV2050A Datasheet HTML 55Page - STMicroelectronics STV2050A Datasheet HTML 56Page - STMicroelectronics STV2050A Datasheet HTML 57Page - STMicroelectronics STV2050A Datasheet HTML 58Page - STMicroelectronics STV2050A Datasheet HTML 59Page - STMicroelectronics STV2050A Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 83 page
background image
56/83
STV2050A - ELECTRICAL LOOP
A measuring line is inserted in each frame for measuring either the offset or the gain of the am-
plifiers. Therefore, the compensation procedure has to run through the offset/gain measure-
ment and horizontal/vertical channels sequentially. The right comparator is activated by the
timing of the signals on the OGAV and OGAH pins. (Refer to Figure "" on page 8).
Programming is possible when the measuring line is inserted using the MLN[8:0] bits in the D5
register.
11.2 LOOP PARAMETER REGISTER
Parameters for the internal loop circuit are defined in the DF register.
Offset and gain compensation can be enabled separately using the OLE and GLE bits.
If the FIN bit in the DF register is ‘high’, the device only carries out one single measurement
during the first time that the compensation is carried out.
The comparison sign of the PORA, PORB and PORC pins can be programmed by using the
DIO bit for the offset and the DIG bit for the gain in the DF register.
The number of measurements that are evaluated for selecting a new compensation value is
determined by the NOM[7:0] bits in the DF register.
Number of deviating results among the NOM measurements that do not lead to a change of
the actual compensation value is determined by the TOL[7:0] bits in the DF register.
11.3 LOOP STATUS REGISTER
All functions for the port control and the gain range control that are influenced by the compen-
sation loop are available via the I²C E4 register. This register is used if the gain and/or offset
loop is handled by an external MCU. The IC internal loop has its own registers which are
mapped to the E4 address in the event of read access to this address.
– The PIA, PIB and PIC bits indicate the status of the PORA, PORB and PORC ports respec-
tively.
– The ELO bit indicates if the electrical loop is ready (=1) or not (=0).
OLE
0 = Offset Loop activated
1 = Offset Loop disabled
GLE
0 = Gain Loop activated
1 = Gail Loop disabled
FIN
0: No exception for first loop cycle
1: First loop cycle with fixed parameters for fast operation
DIG
0: The level on the port is ‘high’ if the convergence current is too high
1: The level on the port is ‘low’ if the convergence current is too high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com