Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 55 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 51Page - STMicroelectronics STV2050A Datasheet HTML 52Page - STMicroelectronics STV2050A Datasheet HTML 53Page - STMicroelectronics STV2050A Datasheet HTML 54Page - STMicroelectronics STV2050A Datasheet HTML 55Page - STMicroelectronics STV2050A Datasheet HTML 56Page - STMicroelectronics STV2050A Datasheet HTML 57Page - STMicroelectronics STV2050A Datasheet HTML 58Page - STMicroelectronics STV2050A Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 83 page
background image
55/83
STV2050A - ELECTRICAL LOOP
11 ELECTRICAL LOOP
11.1 PRINCIPLE OF OPERATION
It is possible to multiply convergence values with a digital gain value and add a digital offset
value to the convergence values during convergence signal processing (see Figure 26 "Con-
vergence Values Computation Path" on page 45). This can be used to compensate offset cur-
rent and gain differences of the external convergence amplifiers. However, aging and temper-
ature can cause drifting, and the correction values may have to be adjusted. In order to avoid
a manual after-sales re-alignment, the STV2050A can perform an automatic update of the
field offset canceller values, as well as for the gain correction values.
For this purpose a measuring line in the invisible part of the picture (for example, during the
frame retrace procedure) can be used to provide measurement values at convergence out-
puts. (Refer to Figure 31 "Electrical Loop Block Diagram" on page 55.)
Offset current and gain values of the amplifiers are measured with comparators, which are
connected to the PORA, PORB, PORC port pins of the IC. The reference values are available
on the OGAH and OGAV pins.
Figure 31. Electrical Loop Block Diagram
Once the measurement is carried out, the convenient field offset canceller and gain compen-
sation corrections for the convergence values can be controlled by either an embedded
process (“internal loop”), or by an external MCU, when the internal loop is disabled.
The loop is activated using the STL bit in the E3 register.
STL
0 = Internal Loop enabled
1 = Internal Loop disabled
DAC
Electrical
Loop
Convergence
Processing
Amplifier
Yoke
Sense-
Resistor
Measuring Line
OGAH,OGAV
PORA
PORB
PORC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com