Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 47 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 43Page - STMicroelectronics STV2050A Datasheet HTML 44Page - STMicroelectronics STV2050A Datasheet HTML 45Page - STMicroelectronics STV2050A Datasheet HTML 46Page - STMicroelectronics STV2050A Datasheet HTML 47Page - STMicroelectronics STV2050A Datasheet HTML 48Page - STMicroelectronics STV2050A Datasheet HTML 49Page - STMicroelectronics STV2050A Datasheet HTML 50Page - STMicroelectronics STV2050A Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 83 page
background image
47/83
STV2050A - CONVERGENCE
9.1.3 Field Offset Canceller
This offset value is totalled after the gain correction. Its purpose is mainly to cancel the differ-
ential offset between all channels (see refer to Section 11 "ELECTRICAL LOOP" on page 55).
D2 Register: Fine horizontal
D3 Register: Fine vertical
The Field offset values are in two’s complement.
Note: During the vertical retrace, the field offset canceller values are the only correction values available
on the convergence outputs. Refer to Section 9.6 "NORMAL TV OPERATION MODE" on page 48.
9.2 DYNAMIC VALUES
Dynamic values are stored in register addresses 00 to CF in the three red, blue and green
banks. For their allocation, refer to Section 4.1 "CONVERGENCE CORRECTION VALUES"
on page 18.
The dynamic values can be adjusted from -512 to +511
9.3 INTERLACE
The interlace correction value is defined by the ICV[5:0] bits in the DA register.
This value is added to each convergence value in the field chosen by the IFA bit in the DA reg-
ister.
The interlace mode is enabled by the IIE bit in the DA register.
ORG[7:0]
Red Channel
OGH[7:0]
Green Channel
OBH[7:0]
Blue Channel
ORV[7:0]
Red Channel
OGV[7:0]
Green Channel
OBV[7:0]
Blue Channel
Binary Code
MSB --> LSB
-512
’00 0000 0000’
0
’10 0000 0000’
+512
’11 1111 1111’
IIE
0 = No interlace
1 = Interlace mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com