Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 13Page - STMicroelectronics STV2050A Datasheet HTML 14Page - STMicroelectronics STV2050A Datasheet HTML 15Page - STMicroelectronics STV2050A Datasheet HTML 16Page - STMicroelectronics STV2050A Datasheet HTML 17Page - STMicroelectronics STV2050A Datasheet HTML 18Page - STMicroelectronics STV2050A Datasheet HTML 19Page - STMicroelectronics STV2050A Datasheet HTML 20Page - STMicroelectronics STV2050A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 83 page
background image
17/83
STV2050A - SLAVE I²C BUS INTERFACE
3.4 READ COMMANDS
Read commands may access the IC internal RAM as well as all I²C registers. Read com-
mands in the 00 to CF range read from the RAM bank that is defined by the two CBS bits that
have been previously transmitted to the E7 register by a write command.
Addresses in the D0 to E2 range are mapped to the corresponding section of the red color
RAM if the RRP bit in the EF register is ‘0’. Otherwise the corresponding internal register
values are transmitted.
If the SA is in the 00 to CF address range, the position of the cursor is implicitly defined by the
SA. An access to any other SAs will switch off the cursor. It will be switched on again if an ad-
dress in the 00 to CF range is selected.
Three formats of read commands are supported:
– Random read commands from any valid IC internal address
S DW SA S DR SA D0 D1 D2 P
If the auto-increment function is enabled, the internal address is at the SA+1 after the com-
mand, otherwise it is still at the SA.
– Read commands from the actual internal address
S DR SA D0 D1 D2 P
If the auto-increment function is enabled, the internal address is at the SA+1 after the com-
mand, otherwise it is still at the SA.
– Auto-increment read commands from addresses within the 00 to CF address range
with random start address.
S DW SA S DR SA D0 D1 D2...... Dn P
If the auto-increment function is enabled, the internal address counter is incremented after 3
bytes are read, otherwise the SA is always read and the internal address does not change.
When the last byte of the CF address has been transmitted, the IC internal auto-increment ad-
dress counter stops counting and the CF value will be read out again.
3.5 I²C I/O LINES
Digital filters suppress pulses that are less than 1 or 2 clock pulses at the SDAI and SCLS in-
puts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com