Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 60 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 56Page - STMicroelectronics STV2050A Datasheet HTML 57Page - STMicroelectronics STV2050A Datasheet HTML 58Page - STMicroelectronics STV2050A Datasheet HTML 59Page - STMicroelectronics STV2050A Datasheet HTML 60Page - STMicroelectronics STV2050A Datasheet HTML 61Page - STMicroelectronics STV2050A Datasheet HTML 62Page - STMicroelectronics STV2050A Datasheet HTML 63Page - STMicroelectronics STV2050A Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 83 page
background image
60/83
STV2050A - OPTICAL LOOP
12.2.1 OPTT Pin used as an Input
The status of OPTT is available in S05 in register E5.
12.2.2 OPTT Pin used as an Output
The OPTT output can either be forced to the electrical “1” level, or can be programmed in the
same way as the auto-alignment pattern. This is carried out by the OOS bit in the E5 register.
In the latter case, the timing of the OPPT signal typically overlaps the auto-alignment pattern.
The final signal is used to control the OPTI and OPTT port functions. The timing for the signal
is defined by the ED and EE registers.
Offset values larger than one grid distance or invalid vertical grid numbers for start or stop po-
sition will cause unexpected results at the OPTT_PATTERN signal.
The OPTT_PATTERN signal is not influenced by the horizontal or vertical blanking function.
12.3 OPTI SENSOR STATUS PORT
The level applied to the OPTI pin can be read using the S11 bit in the E5 register.
The OPTI level can be ANDed with the window defined on the OPTT using the OPI in the E5
register.
S05
0: < 0.7 V on OPTT
1: > 2.6 V on OPTT
OOS
0: Data output = the ODT bit in the E5 register
1: Programmable timing
HG3
Grid number of horizontal start
HO3
Offset of horizontal start (number of clock cycles, 1 grid max.)
HG4
Grid number of horizontal end
HO4
Offset of horizontal end (number of clock cycles, 1 grid max.)
VG3
Grid number of vertical start
VO3
Offset of vertical start (number of video lines, 1 grid max.)
VG4
Grid number of vertical end
VO4
Offset of vertical end (number of video lines, 1 grid max.)
OPI
0: S11 = OPTI AND window
1: No windowing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com