Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 14Page - STMicroelectronics STV2050A Datasheet HTML 15Page - STMicroelectronics STV2050A Datasheet HTML 16Page - STMicroelectronics STV2050A Datasheet HTML 17Page - STMicroelectronics STV2050A Datasheet HTML 18Page - STMicroelectronics STV2050A Datasheet HTML 19Page - STMicroelectronics STV2050A Datasheet HTML 20Page - STMicroelectronics STV2050A Datasheet HTML 21Page - STMicroelectronics STV2050A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 83 page
background image
18/83
STV2050A - RAM ALLOCATION
4 RAM ALLOCATION
4.1 CONVERGENCE CORRECTION VALUES
The convergence correction values are either dedicated to each correction point of each red/
blue/green channel, or common for all points of each channel. (Refer to Section 9 "CONVER-
GENCE" on page 45.)
The values are grouped into 2 families:
– Dynamic correction values
– Common correction values
4.1.1 Dynamic Correction Values
The dynamic values are stored as described in Section 2.2 "Overview OF EMBEDDED RAM
ORGANIZATION" on page 13.
For each Red, Green and Blue channel, the following can be stored in the embedded RAM:
– 13 horizontal "dynamic" correction values on 10 bits, plus 1 parity bit
– Up to 16 vertical "dynamic" correction values on 10 bits, plus 1 parity bit
For each correction point there is one corresponding word in the 00(hex) to CF(hex) sub-ad-
dress range. Bits are stored in the corresponding “Red Bank”, “Green Bank” and “Blue Bank”
as follows:
– Bit D1[3] is the horizontal correction parity bit
– Bit D1[2] is the vertical correction parity bit
– Bits D1[3:2] are generated by the STV2050A. Their value can be read out only.
Note: The STV2050A automatically checks the parity bits of each convergence value before applying
them to the DACs. Refer to Section 14 "SECURITIES" on page 62.
The sub-address corresponds to the coordinates of the point on the screen where the vertical
and horizontal lines meet, as shown in the following figure:
MSB
LSB
BYTE D0
BYTE D1
BYTE D2
Bit
765
432107
65432
107654
3210
Horizontal Correction[9:0]
Vertical Correction[9:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com