Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 34 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 30Page - STMicroelectronics STV2050A Datasheet HTML 31Page - STMicroelectronics STV2050A Datasheet HTML 32Page - STMicroelectronics STV2050A Datasheet HTML 33Page - STMicroelectronics STV2050A Datasheet HTML 34Page - STMicroelectronics STV2050A Datasheet HTML 35Page - STMicroelectronics STV2050A Datasheet HTML 36Page - STMicroelectronics STV2050A Datasheet HTML 37Page - STMicroelectronics STV2050A Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 83 page
background image
34/83
STV2050A - VIDEO PATTERN GENERATOR
The FBLK output is switched to ´high´ voltage when at least one color is activated by the COV
bits in the EA register when the STA bit in the D7 register is activated. If no color is selected,
the FBLK output is switched to ´low´ voltage. For other features of the FBLK pin, refer to Sec-
tion 8.4 "FAST BLANKING" on page 43.
The video signal representing a vertical line (grid, border, cursor) has the shape of a pulse with
a width of one system clock cycle.
7.1.2 Pattern Visibility Adjustment
Since the bandwidth of the RGB signal path is limited, horizontal and vertical lines may appear
on the screen with different brightness levels. To compensate for this effect, it is possible to
adjust the brightness values for the horizontal line (PBH[3:0]) bits and the vertical line
(PBV[3:0]) bits in the D6 register of the video pattern.
The video brightness has 4-bit resolution. The 0(hex) value corresponds to the 0.0 V output
from the video DACs. The 1(hex) value corresponds to a typical 0.6 V output. All other steps
are equidistant.
Figure 16. Pattern Visibility Adjustment
If the PBH bit is set to zero, the amplitude of the auto-alignment pattern is determined by the
PBV bit.
Using the VDC bit in the EA register, the frequency compensation of the video DACs can be
adapted according to the system clock.
PAS[1]
0: Grid Off
1: Grid On
PAS[0]
0: Border Off
1: Border On
VDC
0: Low Current
1: High Current
0.6 V
2.3 V
0000 0001 0010
1111
Analog
output
Digital
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com