Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 33 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 29Page - STMicroelectronics STV2050A Datasheet HTML 30Page - STMicroelectronics STV2050A Datasheet HTML 31Page - STMicroelectronics STV2050A Datasheet HTML 32Page - STMicroelectronics STV2050A Datasheet HTML 33Page - STMicroelectronics STV2050A Datasheet HTML 34Page - STMicroelectronics STV2050A Datasheet HTML 35Page - STMicroelectronics STV2050A Datasheet HTML 36Page - STMicroelectronics STV2050A Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 83 page
background image
33/83
STV2050A - VIDEO PATTERN GENERATOR
Figure 15. Auto-alignment Pattern
Note: It is not possible to display both cursors simultaneously as shown.
7.1 GENERAL FUNCTIONS
7.1.1 Pattern Selection
The color components (RGB) for the video pattern can be separately switched on and off by
the COV[2:0] bits in the EA register. If the control bit for one color is set to 0, the corresponding
DAC output is switched to 0V.
The type of the pattern is selected by the PAS[4:0] bits in the EA register.
COV[2]
0: Red = Off
1: Red = On
COV[1]
0: Green = Off
1: Green = On
COV[0]
0: Blue = Off
1: Blue = On
PAS[4]
0: Auto-alignment Pattern Off
1: Auto-alignment Pattern On
PAS[3]
0: Small Cursor
1: Large Cursor
PAS[2]
0: Cursor Off
1: Cursor On
SMALL
CURSOR
LARGE
CURSOR
VISIB LE
SCREEN
BORDER
LINES
0
1
15
0
1
2
12
2
Progammab le for H
zoom effect
First t wo grids on ly
Prog rammable
d istance
Auto-ali gn ment
pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com