Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 64 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 60Page - STMicroelectronics STV2050A Datasheet HTML 61Page - STMicroelectronics STV2050A Datasheet HTML 62Page - STMicroelectronics STV2050A Datasheet HTML 63Page - STMicroelectronics STV2050A Datasheet HTML 64Page - STMicroelectronics STV2050A Datasheet HTML 65Page - STMicroelectronics STV2050A Datasheet HTML 66Page - STMicroelectronics STV2050A Datasheet HTML 67Page - STMicroelectronics STV2050A Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 83 page
background image
64/83
STV2050A - IC STATUS REGISTERS
– Wait until the HSYNC and VSYNC signals are available on pins 27 and 28 respectively. (At
least 2 VSYNC pulses are required). If one signal is missing, the STV2050A remains in
Stand-by mode.
– Use the I²C master to read the EEPROMadd[2:0] data bits in the EEPROM having the hard-
ware address 010 (bin). The EEPROMadd[2:0] bits represent the address of the EEPROM
which will be used to setup the STV2050A during the boot sequence,
Note: This is particularly suitable when it is necessary to recover the last configuration used before switch-
ing off for example.
– Use the I²C master to download all convergence data and registers (from the selected EEP-
ROM, as explained before),
– Wait for up to 2 fields after all the data has been downloaded and enable the outputs.
16 IC STATUS REGISTERS
Some registers of the STV2050A can be read via the I²C slave bus in order to indicate the up-
dated status of the IC. The update is enabled using the RUE bit in the EF register.
The update timing of registers D0 to D3 is determined by the RU1 bit in the EF register.
The update timing of the E4 register is determined by the RU2 bit in the EF register.
The S01 bit in the E3 or E4 or E5 or E9 registers:
– Power-on reset status
The S02 bit in the E3 register:
– Security output (POUT) status
RUE
0:
No update
1:
Update enabled
RU1
0:
No update
1:
Update after vertical reset
RU2
0:
No update
1:
Update after vertical reset
S01
0:
Reset successfully achieved
1:
Reset ongoing
S02
0:
“0” (pull down to ground)
1:
High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com