Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2050A Datasheet(PDF) 49 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 45Page - STMicroelectronics STV2050A Datasheet HTML 46Page - STMicroelectronics STV2050A Datasheet HTML 47Page - STMicroelectronics STV2050A Datasheet HTML 48Page - STMicroelectronics STV2050A Datasheet HTML 49Page - STMicroelectronics STV2050A Datasheet HTML 50Page - STMicroelectronics STV2050A Datasheet HTML 51Page - STMicroelectronics STV2050A Datasheet HTML 52Page - STMicroelectronics STV2050A Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
49/83
STV2050A - CONVERGENCE
– the CDN bit (refer to Section 9.7 "MANUFACTURING, AFTER-SALES SERVICE, LAB TRI-
AL MODES" on page 49).
During normal operation mode, the convergence outputs deliver a signal computed as shown
in Figure 26 "Convergence Values Computation Path" on page 45.
However, during the convergence frame retrace defined by the DCB and DCT values as de-
scribed in Section 5.4.4 "Convergence Correction Frame Retrace" on page 26, only the field
offset canceller values are output. This is used to reduce the power in the convergence ampli-
fiers.
9.7 MANUFACTURING, AFTER-SALES SERVICE, LAB TRIAL MODES
9.7.1 Output of Field Offset Values
This mode is used to output the field offset values defined in the D2 and D3 registers.
It is controlled by the CDN bit in the E3 register.
9.7.2 Gain and Offset Measuring Line
This mode is used as a manual control of the measuring line used, for example, in the elec-
trical loop. (Refer to Section 11.1 "PRINCIPLE OF OPERATION" on page 55.)
During the gain measuring line:
– The dynamic values are replaced for each channel by the CRH[7:0] and CRV[7:0] bits for
red, CGH[7:0] and CGV[7:0] bits for green and CBH[7:0] and CBV[7:0] for blue in the DC and
DD registers for horizontal and vertical values, respectively,
– The polarity of these latter values may be changed using the PMH and PMV bits in the D5
register for horizontal and vertical values, respectively,
– The gain value is stored in the E0 register for the coarse value, but the fine values are stored
in the MVR[7:0] bits for red, MVG[7:0] bits for green and MVB[7:0] bits for blue in the E8 reg-
ister.
During field offset measuring lines, the value applied to the DACs for each channel are given
by MVR[7:0] for red, MVG[7:0] for green, MVB[7:0] for blue in register E8
The manual measuring line mode is enabled using the MLE bit in the D5 register.
This may be programmed when the measuring line is inserted using the MLN[8:0] bits in the
D5 register.
This signal is made available on pin 75 (MLIN).
CDN
0: Offset values
1: Normal operation
MLE
0: Manual measuring line disabled
1: Manual measuring line enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com