Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 125 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 125 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 121Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 122Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 123Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 124Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 125Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 126Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 127Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 128Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 129Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 168 page
background image
Analog to Digital Converter (ADC) - January 1998
125
www.national.com
16.4.5
ADC Data Registers
The ADC stores the conversion results in four byte-wide,
read only registers, ADDATA0 - ADDATA3. If there is more
than one result, the results are stored in ADDATA0,
ADDATA1, ADDATA2 and ADDATA3 (in this order).
Data is valid only after the EOC flag of ADCST is set. Upon
cold reset (power-up), the contents of these registers is un-
defined. Upon warm reset (using HMR pin), the content of
these registers is not modified. The registers should be ini-
tialized to 00h before enabling them.
16.5 USAGE HINTS
16.5.1
Power Supply and Layout Guidelines
The ADC and the other analog modules are supplied
through two dedicated analog power pins: AVCC and
AGND. This assures effective isolation of the analog mod-
ules from noise caused by the digital modules. To obtain the
best performance, bear in mind the following recommenda-
tions (see also details in Figure 16-4):
Ground Connection. The analog ground pin, AGND,
should be connected at only one point to the digital ground
pins. At this point, also connect the decoupling capacitor of
the analog supply AVCC pin, decoupling capacitor of the ref-
erence voltage VREF pin, and the four decoupling capaci-
tors of the digital supply VCC pins. The ground reference of
the input signals to the ADC should be the same common
point. Low impedance ground layers will also improve noise
isolation.
Power Connection. The analog supply pin, AVCC, should
be connected to a low noise power supply with the same
voltage as the digital supply, either 3.3V or 5.0V. Both the
digital and analog power supplies must be supplied simulta-
neously. To assure this, it is recommended to supply the
AVCC pin from the digital VCC of the chip, using an external
LC or RC filter. An example of an LC filter [L1 and (C2+C3)]
is shown in Figure 16-4.
Figure 16-4. ADC Analog Power Supply Connection
Decoupling Capacitors. The following decoupling capaci-
tors should be used:
q
Digital VCC: Place one capacitor of 0.1 µF on each
VCC pin, as close as possible to the pin, (4 x C4). Also
place one 10-47
µF tantalum capacitor (C
5) on the
common net, as close as possible to the chip.
q
Analog AVCC: Place a 0.1 µF capacitor and a 10-
47
µF tantalum capacitor on the AV
CC pin (C3 and C2)
as close as possible to the pin.
q
VREF: Place a low leakage, non-polarized, 0.47 µF ca-
pacitor (C1) as close as possible to the VREF pin.
Back-Drive Protection. To maintain the high performance
of the analog circuits, the PD0-7/AD0-7 and VREF pins are
not back-drive protected. Therefore, the voltage on these
pins must be within the actual range of AGND and AVCC. If
it is higher, the chip may be damaged.
External circuits should not drive currents into these pins
when the PC87570 is not powered up. This may cause the
internal power-up reset circuit to fail.
16.5.2
Power Consumption
ADC power consumption from AVCC is practically zero if the
ADC is disabled by clearing the ADCEN bit of the
ADCCNT1 Register. The internal reference is automatically
disabled when ADCEN=0. See Section 16.2.7 on page 121.
When the ADC is enabled, the current consumption de-
pends on the operation mode and the frequency at which it
works. Typical current consumption of the ADC while it is
enabled, but not converting, is 1 mA at AVCC=5V. While
converting in continuous mode, the current consumption is
variable, although typically lower than 2 mA. Typical current
consumption of the internal reference, when enabled, is
0.2 mA.
To minimize current consumption, disable the ADC when
not in use. See details in Section 16.2.7.
76543210
MSB
RESULT 0 DATA
LSB
76543210
MSB
RESULT 1 DATA
LSB
76543210
MSB
RESULT 2 DATA
LSB
76543210
MSB
RESULT 3 DATA
LSB
VCC
GND
Digital Ground Layer
Digital
PC87570
Analog
AVCC
C4 0.1
C3 0.1
AGND
Analog Ground Layer
Power
Power
+
C2
AD0
AD7
AD0
AD7
C5
22
+
22
VIN
µF
µF
µF
µF
3.3 V
or
5.0 V
VREF
VREF
C1 0.47
µF
L1 10-100 µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com