Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 128 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 128 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 124Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 125Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 126Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 127Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 128Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 129Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 130Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 131Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 132Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 168 page
background image
Digital to Analog Converter (DAC)
128
www.national.com
17.2.4
Initializing and Enabling the DAC
The PC87570 wakes up after power-up with the DAC dis-
abled (DACEN0-3 bits of the DACCTRL Register are
cleared). In this state, all DAC activities are halted, and its
power consumption is reduced to zero.
Initializing the DAC. The DACDAT0-3 Registers must be
initialized to 00h before setting the DACEN0-3 bits of the
DACCTRL Register.
Enabling the DAC. The
software
must
initialize
the
DACDAT0-3 Registers to 00h before enabling any of the
DAC channels. Each channel of the DAC is enabled inde-
pendently by setting its DACEN bit. After enabling the DAC,
the only delay required is for settling the outputs.
17.2.5
Disabling the DAC
The DAC may be disabled in order to reduce the current
consumption from the AVCC to less than 0.1 µA (typical).
The DAC is automatically disabled when entering Idle
mode, regardless of the state of DACEN bits in the DAC-
CTRL Register. In this case, the DA0-3 outputs automati-
cally drive 0 V.
To disable the DAC without entering Idle mode, the
DACEN0-3 bits must be cleared. In this case, the output
pins are 0 V even if the respective DACDAT Register is not
00h.
17.2.6
Conversion Start
When the DAC is enabled, a conversion is started when
writing to the DACDATA Registers. The output settling time
is defined in Section 17.4.2.
17.3 DAC REGISTERS
The DAC interfaces through the peripheral bus with the
CR16A core, as shown in the block diagram on page 1. The
interface is implemented by a set of one control register and
four data registers. These registers are mapped in the ad-
dress space of the CR16A. For details on the address loca-
tion of these registers, refer to Appendix A on page 156.
17.3.1
DAC Control Register (DACCTRL)
The DACCTRL Register is a byte-wide, read/write register
that controls the configuration of the four D/A channels in
the module. After reset, the non-reserved bits in this register
are cleared (0).
Bits 3-0 - DAC Enable (DACEN3-0)
When set, the respective DAC channel is enabled and the
respective DA output pin drives a voltage level, according to
the value written into the corresponding DACDAT Register.
When cleared, the respective channel is disabled and its DA
output pin drives 0 V.
17.3.2
DAC Data Registers
Each of the four DAC channels has its own data register
that controls the analog voltage on the DA3-0 pins.
DACDAT0 through DACDAT3 control DA0 through DA3, re-
spectively. These read/write registers store the output data
in a byte-wide format, and should be initialized to 00h before
enabling the ADC.
17.4 USAGE HINTS
17.4.1
Power Supply and Layout Guidelines
The DAC and the other analog modules are supplied
through two, dedicated analog power pins, AVCC and
AGND. This assures effective isolation of the analog mod-
ules from noise caused by the digital modules. For the best
performance, bear in mind the hints in this section (see also
details in Figure 17-2):
Ground Connection. The analog ground pin, AGND, must
be connected at only one point to the digital ground pins. At
this point, also connect the decoupling capacitor of the analog
supply AVCC pin, and the four decoupling capacitors of the
digital supply VCC pins. The ground reference of the output
signals of the DAC should be taken from the same point. Low
impedance ground layers will also improve noise isolation.
Power Connection. The analog supply pin, AVCC, must be
connected to a low noise power supply with the same volt-
age as the digital supply, either 3.3V or 5.0V. Both the digi-
tal and analog power supplies of the PC87570 must be
supplied simultaneously. To assure this, supply the AVCC
pin from the digital VCC of the chip, using an external LC or
RC filter. An example of LC filter [L1 and (C2+C3)] is shown
in Figure 17-2.
Decoupling Capacitors. The following decoupling capaci-
tors must be used:
q
Digital VCC: Place one capacitor of 0.1 µF on each
VCC pin, as close as possible to the pin, (4 x C4). Also
place one 10-47
µF tantalum capacitor (C
5) on the
common net, as close as possible to the chip.
q
Analog AVCC: Place a 0.1 µF capacitor and a 10-
47
µF tantalum capacitor on the AV
CC pin (C3 and
C2), as close as possible to the pin.
7654
3
2
1
0
Res
DACEN3 DACEN2 DACEN1 DACEN0
76543210
MSB
DAC DATA 0
LSB
76543210
MSB
DAC DATA 1
LSB
76543210
MSB
DAC DATA 2
LSB
76543210
MSB
DAC DATA 3
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com