Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 132 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 132 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 128Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 129Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 130Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 131Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 132Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 133Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 134Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 135Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 136Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 168 page
background image
Device Specifications
132
www.national.com
19.0 Device Specifications
This chapter provides power and grounding guidelines,
specifies the maximum ratings and the electrical character-
istics of the PC87570, and describes its timing.
19.1 POWER AND GROUNDING
The PC87570 requires either a 5V +/- 10% or a 3.3V +/-
10% supply to all four VCC pins. The digital ground pins of
the PC87570 are marked GND. The RTC backup battery is
connected between VBAT and GND. The PC87570 includes
an internal resistor between the battery input and the power
switch, for UL protection. The on-chip analog circuits have
a separate supply pin (marked AVCC) and ground pin
(marked AGND).
Warning The AVCC and AGND pins must have the same
voltage as the VCC and GND of the digital section, respec-
tively. The chip should never be operated with only one of
the power supplies connected, else irreversible damage
may occur.
To reduce EMI and ground bounce, place a 0.1
µF capacitor
between each VCC and GND pair as close as possible to the
PC87570 pins.
Figure 19-1. Power and Ground Connections
19.2 GENERAL DC ELECTRICAL CHARACTERISTICS
19.2.1
Recommended Operating Conditions
Table 19-1. Recommended Operating Conditions at 5 V
±10%
Table 19-2. Recommended Operating Conditions at 3.3 V
±10%
Parameter
Symbol
Min
Typical
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Operating Temperature
TA
0
+70
° C
Parameter
Symbol
Min
Typical
Max
Unit
Supply Voltage
VCC
3.0
3.3
3.6
V
Operating Temperature
TA
0
+70
° C
VCC
GND
Digital
Digital
PC87570
Analog
AVCC
CF
BT1
0.1
µF
1. Place a 0.1
µF capacitor on each V
CC power supply
pin as close as possible to the pin, and also on VBAT.
2. Place a 10-47
µF capacitor on the common digital power
supply net, as close as possible to the device.
CF
0.1
µF
AGND
Analog
Power
Power
Ground
Ground
VBAT
GND
CF
0.1
µF
Digital
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com