Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 135 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 135 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 131Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 132Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 133Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 134Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 135Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 136Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 137Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 138Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 139Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 168 page
background image
135
Device Specifications
www.national.com
19.3.2
Digital
Table 19-7. Digital Electrical Characteristics
Parameter
Symbol
Conditions1
Min
Typ
Max
Unit
TTL Input, Logical 0 Voltage
VIL
−0.5
0.8
V
TTL Input, Logical 1 Voltage
VIH
2.0
VCC
V
CMOSS Input with Hysteresis
(Schmidt), Logical 0 Voltage
VCHl
1.1
V
CMOSS Input with Hysteresis
(Schmidt), Logical 1 Voltage
VCHh
0.75VCC
V
CMOSS Input with Hysteresis
(Schmidt), Hysteresis Loop Width 2
Vhys
0.5
V
STRAP Input, Logical 0 Voltage
VSTRl
1.3
V
STRAP Input, Logical 1 Voltage
VSTRh
0.75VCC
V
STRAP PD, Internal Pull-down
Resistance
Rpd
VCC=5V
40
50
120
K
Ω
VCC=3.3V
40
100
120
K
Ω
Input Load Current (all digital inputs)
IL
0V
≤ V
IN ≤ VCC
−1.0
1.0
µA
CM Output, Logical 0 Voltage
VOL
IOL = 4 mA, VCC=5V
0.4
V
IOL = 2 mA, VCC=3.3V
0.4
V
IOL = 50 µA
b, V
CC=5V
0.2
V
IOL = 50 µA
b, V
CC=3.3V
0.2
V
CM Output, Logical 1 Voltage
VOH
IOH = -0.4 mA, VCC=5V
VCC - 0.4
V
IOH = -0.2 mA, VCC=3.3V VCC - 0.4
V
IOH = -50 µA, VCC=5V
VCC - 0.2
V
IOH = -50 µA
b, V
CC=3.3V
VCC - 0.2
V
CMHD1 Output, Logical 0, Voltage
VOLhd1
IOL = 16 mA, VCC=5V
0.4
V
IOL = 8 mA, VCC=3.3V
0.4
V
IOL = 50 µA
b, V
CC=5V
0.2
V
IOL = 50 µA
b, V
CC=3.3V
0.2
V
CMHD1 Output, Logic 1, Voltage
VOHhd1
IOH = -4.0 mA, VCC=5V
VCC - 0.4
V
IOH = -2 mA, VCC=3.3V
VCC - 0.4
V
IOH = -50 µA
b, V
CC=5V
VCC - 0.2
V
IOH = -50 µA
b, V
CC=3.3V
VCC - 0.2
V
CMHD2 Output, Logical 0, Voltage
VOLhd2
IOL = 24 mA, VCC=5V
0.4
V
IOL = 12 mA, VCC=3.3V
0.4
V
IOL = 50 µA
b, V
CC=5V
0.2
V
IOL = 50 µA
b, V
CC=3.3V
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com