Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 139 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 139 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 135Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 136Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 137Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 138Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 139Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 140Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 141Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 142Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 143Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 168 page
background image
139
Device Specifications
www.national.com
t1
19-8,
19-10
to
19-12
Input setup time
D0-15
Before RE CLK
15 ns
30 ns
t2
19-8,
19-10
to
19-12
Input hold time
D0-15
After RE CLK
0
0
BIU Output Signals
t3
19-8
to
19-13
Output valid time
A0-17, BE0,1CBRD,
D0-15
After RE CLK
14 ns
17 ns
t4
19-8
to
19-13
Output valid time
BST0-2
After RE CLK
0.5 * tCLK
+ 14 ns
0.5 * tCLK
+ 20 ns
t5
19-8
to
19-12
Output
active/inactive time
RD, SEL0-1, SELIO
After RE CLK
14 ns
17 ns
t6
19-8,
19-9
Output
active/inactive time
WR0-1
After RE CLK
0.5 * tCLK
+ 14 ns
0.5 * tCLK
+ 17 ns
t7
19-10 Minimum inactive
time
RD
After RE RD
tCLK - 5 ns
tCLK - 5 ns
t8
19-8,
19-9
Output float time
A0-17, D0-15, RD,
SEL0-1,SELIO,WR0-1
After RE CLK
14 ns
17 ns
t9
19-8,
19-9
Minimum delay time
From RE RD to
D0-15 drive
tCLK - 8 ns
tCLK - 8 ns
t10
19-9
Minimum delay time
From RE RD to RE
SELn
0 ns
0 ns
t11
19-9
Minimum delay time
From RE SELx to FE
SELy
0 ns
0 ns
t12
19-8
to
19-13
Output hold time
A0-17, BE0-1, CBRD,
D0-15, RD, SEL0-1,
SELIO
After RE CLK
0 ns
0 ns
t13
19-8
to
19-13
Output hold time
BST0-2, WR0-1
After RE CLK
0.5 * tCLK
- 4 ns
0.5 * tCLK
- 4 ns
t14
19-9
D0-15 valid in late
write bus cycles
Before RE WR0-1
(K + 0.5) *
tCLK - 6 ns
1
(K + 0.5) *
tCLK - 8 ns
1
Symbol Figure
Description
Reference
Conditions
VCC = 5 V 10%
VCC = 3.3 V ± 10%
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com