Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 138 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 138 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 134Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 135Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 136Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 137Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 138Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 139Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 140Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 141Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 142Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 168 page
background image
138
Device Specifications
www.national.com
19.4.2
Timing Tables
All output timings are guaranteed for 50 pF load, unless otherwise specified.
Table 19-9. Output Signals
Symbol Figure
Description
Reference
Conditions
VCC = 5 V 10%
VCC = 3.3 V ± 10%
Min
Max
Min
Max
RESET Input Signals
tEPLv
19-25 Valid time: External
pull-up and pull-down
resistors
Before end of 16th
clock cycle of CLK
6 * tCLK
6 * tCLK
tIRST
19-25 Internal power-on
reset time
Power stable to end
of 16th clock cycle of
CLK
16 * tCLK + 30
ms
16 * tCLK + 30
ms + t32KW
16 * tCLK + 30
ms
16 * tCLK +
30 ms +
t32KW
tSUPUP
19-25 Supply wake-up time
to 95% VCC
After VCC > VCCON
1 ms
1 ms
tWRST
19-26 HMR width
HMR RE to HMR FE
3 * tCLK
3 * tCLK
tRSTia
19-26 HMR inactive
After HMR FE
tCLK + 5 ns
RESET Output Signals
tIPLv
19-25 Valid time: Internal
pull-up and pull-down
resistors
Before end of 16th
clock cycle of CLK
16 * tCLK
16 * tCLK
Clock Input Signal
t32KCLKIN 19-5 Required clock period
for 32KCLKIN. See
Section 6-2 on
page 65.
From RE to RE of
32KCLKIN.
t32NOM =
30.517578
µs
30.5145
µs
(t32NOM -
100ppm)
30.5206
µs
(t32NOM -
100ppm)
30.5145
µs
(t32NOM -
100ppm)
30.5206
µs
(t32NOM -
100ppm)
Clock Output Signals
tCLK
19-6
CLK period
At 2.0V (both edges)
100 ns
250 ns
100 ns
250 ns
tCLKh
19-6
CLK high time
At 2.0V (both edges)
0.5 * tCLK -
5 ns
0.5 * tCLK -
5 ns
tCLKl
19-6
CLK low time
At 0.8V (both edges)
0.5 * tCLK -
5 ns
0.5 * tCLK -
5 ns
tCLKr
19-6
CLK rise time
0.8V to 2.0V
4 ns
6 ns
tCLKf
19-6
CLK fall time
2.0V to 0.8V
4 ns
6 ns
tCLKw
19-7
CLK wake-up time
From wake-up event
till CLK starts toggling
200
µs
200
µs
tCLKINTst 19-7 t
CLK period
5
Active mode in
steady state
0.99 *
tCLKINTnom
1.01 *
tCLKINTnom
0.99 *
tCLKINTnom
1.01 *
tCLKINTnom
tCLKINTwk 19-7 t
CLK period
5
After wake-up from
Idle
0.9 *
tCLKINTnom
1.1 *
tCLKINTnom
0.9 *
tCLKINTnom
1.1 *
tCLKINTnom
tCLKstab
19-7
tCLK stabilization time After wake-up from
Idle
0.5 sec
0.5 sec
t32KW
19-5
32K oscillator
wake-up time
After VBAT>VLOWBAT
1 sec
1 sec
t32KD
19-6
CLK delay time
After VCC>VCCON
40 ms
40 ms
BIU Input Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com