Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 136 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 136 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 132Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 133Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 134Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 135Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 136Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 137Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 138Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 139Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 140Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 168 page
background image
136
Device Specifications
www.national.com
Table 19-8. Voltage Thresholds
1. All parameters specified for 0
° C
≤ T
A ≤ 70° C.
VCC = 3.3V ± 10% or VCC = 5.0V ± 10% unless otherwise specified.
2. Guaranteed by design.
1. All parameters specified for 0
° C
≤ T
A ≤ 70° C.
CMHD2 Output, Logic 1, Voltage
VOHhd2
IOH = -15 mA, VCC=5V
VCC - 0.4
V
IOH = -7.5 mA, VCC=3.3V VCC - 0.4
V
IOH = -50 µA
b, V
CC=5V
VCC - 0.2
V
IOH = -50 µA
b, V
CC=3.3V
VCC - 0.2
V
OD, Open-drain Output, Logical 0
Voltage
VOL
IOL = 4 mA, VCC=5V
0.4
V
IOL = 2 mA, VCC=3.3V
0.4
V
IOL = 50 µA
b, V
CC=5V
0.2
V
IOL = 50 µA
b, V
CC=3.3V
0.2
V
OD2 Open-Drain Output, Logical 0
Voltage
VOLod2
IOL = 24 mA, VCC=5V
0.4
V
IOL = 12 mA, VCC=3.3V
0.4
V
IOL = 50 µA
b, V
CC=5V
0.2
V
IOL = 50 µA
b, V
CC=3.3V
0.2
V
PU (Weak Pull-up), Logical 1, Output
Voltage
VOHpu
IOH = - 4 µA, VCC=5V
VCC - 0.4
V
IOH = -2 µA, VCC=3.3V
VCC - 0.4
V
IOH = -1 µA
b, V
CC=5V
VCC - 0.2
V
IOH = -1 µA
b, V
CC=3.3V
VCC - 0.2
V
PU, Internal Pull-up Resistance
Rpu
VCC=5V
40
50
120
K
Ω
VCC=3.3V
40
100
120
K
Ω
Output Leakage Current (I/O pin in
Input Mode)
IO (Off)
0V
≤ V
OUT ≤ VCC
−1.0
1.0
µA
Digital Pin Capacitance
C
6
10
pF
Parameter1
Symbol
Min Typ Max
Unit Section on Page
VCC Detected as Power-on VCCON
2.0
2.8
V
6.2.13 on page 68, 6.2.14 on page 68,
6.2.15 on page 68, 6.5.4 on page 72
Battery Detected
VBATDTC
1.0
1.2
V
6.2.14 on page 68
Low Battery Voltage
VLOWBAT
1.3
1.9
V
6.5.4 on page 72
Workable Battery Voltage
VBATMIN
VBATMAX
2.4
5.5
V
“Oscillator Start-up” on page 65; 6.2.15 on page 68.
Parameter
Symbol
Conditions1
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com