Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 134 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 134 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 130Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 131Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 132Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 133Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 134Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 135Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 136Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 137Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 138Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 168 page
background image
134
Device Specifications
www.national.com
19.3 DC ELECTRICAL CHARACTERISTICS
19.3.1
Analog
Table 19-6. DAC Characteristics
1. All parameters specified for 0
° C ≤ T
A ≤ 70° C.
AVCC= 3.3V ± 10%, AVCC = 5.0V ± 10% unless otherwise specified.
2. Valid only for external VREF; value changes during the conversion.
3. The maximum difference between the ideal straight line reference and the actual conversion curves.
4. The maximum difference between an ideal step size of 1 LSB and any actual step size.
5. Either VREFI or VREFE, as set by bit 1 of ADCCNT1 Register.
6. The resistance between the device input and the internal analog input capacitance.
7. Time from when ADCCNT1.ADCEN = 1 until valid conversions are possible.
1. All parameters specified for 0
° C
≤ T
A ≤ 70° C.
AVCC = 3.3V ± 10% or AVCC = 5.0V ± 10% unless otherwise specified.
2. The maximum difference between the ideal straight line reference and the actual conversion curves.
3. The maximum difference between an ideal step size of 1 LSB and any actual step size.
Table 19-5. ADC Characteristics
Parameter
Symbol
Conditions1
Min
Typ
Max
Unit
Internal Reference Voltage
VREFI
2.375
2.5
2.625
V
External Reference Voltage
VREFE
2.375
AVCC
V
VREF Input DC resistance
2
IVREFE
536
K
Ω
Resolution
RES
8
Bit
Integral (non-linearity) Error3
INL
±0.5
LSB
Differential (non-linearity) Error4
DNL
±0.5
LSB
Offset Error
OE
±1
LSB
Gain Error
GE
±1
LSB
Input Voltage Range
VIN
0VREF
5
V
Analog Input Leakage Current
IAL
±10
µA
Analog Input Resistance6
RAIN
200
Ω
Analog Input Capacitance
CAIN
15
pF
ADC Activation Time7
TACT
100
µs
Parameter
Symbol
Conditions1
Min
Typ
Max
Unit
Resolution
RES
8
Bit
Integral (non-linearity) Error2
INL
±0.5
LSB
Differential (non-linearity) Error3
DNL
±0.5
LSB
Offset Error
OE
±1
LSB
Gain Error
GE
±1
LSB
Output Voltage Range
Vout
0AVCC
V
Analog Output Resistance
RS
234
K
Ω
Analog Output Capacitance
CAO
10
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com