Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 130 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 130 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 126Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 127Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 128Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 129Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 130Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 131Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 132Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 133Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 134Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 168 page
background image
Development System Support
130
www.national.com
18.0 Development System Support
In Dev environment, the PC87570 provides the following
support:
• ISE interrupt input signal
• ISE clipping support via a TRI-STATE pin (TRIS)
• Ability to prevent real-time events from interfering with
the operation of the on-board target monitor (TMON) of
the application development board (ADB)
• Internal information that can be used to implement de-
bug features, e.g., hardware breakpoints.
18.1 ISE INTERRUPT
The ISE interrupt is an edge-triggered non-maskable inter-
rupt that is triggered on the falling edge of the ISE signal. It
is reserved for the development tools and should not be
used as part of the application.
The ISE interrupt is enabled in the Development environment
when DBGCFG.ON bit is set. Otherwise, it is ignored.
18.2 TRIS STRAP INPUT PIN
The TRIS strap input pin is used by ISEs to allow clipping
on a PC87570 while mounted in the system.
The TRIS input is a strap pin sampled at power-up reset.
When TRIS is low (0), the PC87570 acts normally. When
TRIS is high (1), all the PC87570 outputs are put to
TRISTATE.
Setting TRIS to the required value is described in Section
2.4 on page 26
18.3 FREEZING EVENTS
The PC87570 prevents real-time events from interfering
with the operation of the ADB’s TMON and changing the
status of the PC87570, by disabling maskable interrupts,
freezing the WATCHDOG counter and disabling destructive
read operations.
18.3.1
Disabling Maskable Interrupts
Clearing the core’s PSR.I bit or PSR.E bits disable the
maskable interrupts. The PSR.I bit is cleared automatically
whenever a trap or interrupt occurs and after reset.
18.3.2
Freezing the WATCHDOG Counter
To freeze the WATCHDOG counter, set DBGCFG.FREEZE
to 1 on entering an ADB TMON routine. Then clear it to 0,
before returning to the application. This prevents the
WATCHDOG generating the reset that occurs if it is not
cleared in time (See Section 15.3 on page 117.) The
WATCHDOG counter keeps its value while it is frozen, and
resumes counting after DBUGCFG.FREEZE is cleared to 0.
If an application fails to refresh the WATCHDOG in time, and
a reset interrupt is generated before or while the FREEZE bit
is set, the PC87570 executes WATCHDOG reset.
18.3.3
Disabling Additional Modules
The MFT16 and ACB modules may be frozen by the
FREEZE bit. This freeze is enabled only when the respec-
tive bit in the DBGFRZEN Register is set, to meet specific
usage of the module by different applications.
18.3.4
Disabling Destructive Reads
When the DBGCFG.FREEZE is set (1), destructive reads
do not change the system’s state (i.e., they only return the
read data but do not clear or set bits or send signals). This
allows the ISE system to present the values of these bits.
NMISTAT is an exception to this rule, and is not affected by
FREEZE. CR16A accesses to RTC registers may also be
destructive, but are not affected by the FREEZE. Note that
host operations continue without any FREEZE bit impact.
18.4 MONITORING ACTIVITY DURING DEVELOPMENT
In Dev environment, information is available for monitoring
on-chip activities and implementing debug features in the
development system.
18.4.1
The Bus Status Signals
The Bus Status BST(0-2) signals indicate if a transaction on
the core bus was issued and if so, the type of transaction.
The BST(0-2) signals reflect activity on the core bus. For word
accesses involving 8-bit Expansion Memory, the core bus cy-
cle triggers two external bus cycles. The first external bus cycle
is flagged as a T1 cycle of the core bus. The second is not
flagged as a T1 cycle of the core bus, i.e., BST(0-2) is 000. See
Table 18-1.
Table 18-1. Core Bus Transaction Encoding
18.4.2
Transaction Effects on the External Bus
The following core bus transactions are reflected on the ex-
ternal bus:
• Accesses to external zones of External Memory, off-
chip Base Memory, and accesses that use the I/O Ex-
pansion protocol are indicated by the active state of the
SEL0, SEL1 and SELIO signals, respectively, and are
described by the address and data buses.
• Accesses to on-chip memories and peripheral modules
are observed using the “Core Bus Monitoring Bus Cy-
cles” (see the BIU, Section 3.4 on page 44). They are in-
dicated by an inactive state for the SEL0, SEL1, and/or
SELIO signals. They are described by addresses A(0-
12), the byte enable BE(0-1) signals, the CBRD signal
and the BST(0-2) signals.
• BE0 is high when a lower memory byte (a byte in an
even address) is accessed. BE1 is high when a higher
memory byte (a byte in an odd address) is accessed.
• CBRD is high when the transaction is a read operation
or low when it is a write.
BST
Core Bus Transaction Type
000
Not a T1 cycle, except for when CR16A waits for
an interrupt following WAIT instruction execution
001
CR16A waits for an interrupt following WAIT
instruction execution
010
T1 of an interrupt acknowledge bus cycle
011
T1 of a data transfer of a non-core
100
T1 of a sequential instruction fetch
101
T1 of a non-sequential instruction fetch
110
T1 of a CR16A data transfer
111
T1 of an exception data transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com