Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 156 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 156 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 152Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 153Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 154Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 155Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 156Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 157Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 158Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 159Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 160Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 168 page
background image
CR16A Register Map
A. CR16A Register Map
ACB Interface
76543210
Register
Address
Access
Type
Value After
Reset
ACBSDA
DATA
FF60h
Read/Write
ACBST
SLVSTP
SDAST
BER
NEGACK
STASTR
NMATCH
MASTER
XMIT
FF62h
Read Only
00h
ACBCST
Reserved
TGSCL
TSDA
GMATCH
MATCH
BB
BUSY
FF64h
Read Only
00h
ACBCTL1
STASTRE
NMINTE
GCMEN
ACK
Reserved
INTEN
STOP
START
FF66h
Read/Write
00h
ACBADDR
SAEN
ADDR
FF68h
Read/Write
ACBCTL2
SCLFRQ
ENABLE
FF6Ah
Read/Write
00h
ADC
76543210
Register
Address
Access
Type
Value After
Reset
ADCST
Reserved
BUFPTR
Reserved
OVF
BUSY
EOC
FF20h
Read/Write
30h
ADCCNT1
Reserved
INTE
INTREF
ADCEN
FF22h
Read/Write
00h
ADCCNT2
START
SCAN
CONT
CHANNEL
FF24h
Read/Write
00h
ADCCNT3
Reserved
DELAY
CDIV
FF26h
Read/Write
00h
ADDATA0
RESULT 0 DATA
FF2Ah
Read Only
ADDATA1
RESULT 1 DATA
FF2Ch
Read Only
ADDATA2
RESULT 2 DATA
FF2Eh
Read Only
ADDATA3
RESULT 3 DATA
FF30h
Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com