Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 159 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 159 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 155Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 156Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 157Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 158Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 159Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 160Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 161Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 162Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 163Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 168 page
background image
GPIO Ports
(Cont’d)
15
8
7
6543210
Register
Address
Access
Type
Value After
Reset
PFDIR
Res
PF Port Direction
FB00h
Read/Write
00h
PFDIN
Res
PF Port Input Data
FB02h
Read Only
PFDOUT
Res
PF Port Output Data
FB04h
Read/Write
00h
PGDIR
Reserved
PG Port Direction
FB06h
Read/Write
00h
PGDIN
Reserved
PG Port Input Data
FB08h
Read Only
PGDOUT
Reserved
PG Port Output Data
FB0Ah
Read/Write
00h
PHDIR
Reserved
PH Port Direction
FB0Ch
Read/Write
00h
PHDIN
Reserved
PH Port Input Data
FB0Eh
Read Only
PHDOUT
Reserved
PH Port Output Data
FB10h
Read/Write
00h
HFCG
76543210
Register
Address
Access
Type
Value After
Reset
HFCGCTRL
Reserved
IVLID
OHFC
ENABLE
FAST
LOAD
FFA0h
Read/Write
0Ch
HFCGML
HFCGM[7-0]
FFA2h
Read/Write
C5h
HFCGMH
Reserved
HFCGM[13-8]
FFA4h
Read/Write
04h
HFCGN
Reserved
HFCGN[4-0]
FFA6h
Read/Write
0Ah
HFCGIL
HFCGI[7-0]
FFA8h
Read/Write
HFCGIH
Reserved
HFCGI[13-8]
FFAAh
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com