Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 161 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 161 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 157Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 158Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 159Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 160Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 161Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 162Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 163Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 164Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 165Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 168 page
background image
ICU
15
8
7
6543210
Register
Address
Access
Type
Value After
Reset
IVCT
Reserved
FE00h
Read Only
20h
IELTG
INT15-8
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
FE04h
Read/Write
ITRPL
INT15-8
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
FE06h
Read/Write
IPEND
INT15-8
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
FE08h
Read Only
IENAM
INT15-8
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
FE0Ah
Read/Write
0000h
IECLR
INT15-8
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
FE0Ch
Write Only
NMISTAT
Reserved
PFAIL
FE10h
Read Only
00h
PFAIL
Reserved
PIn
EN
FE12h
Read/Write
00h
MFT16
15
8
76543210
Register
Address
Access
Type
Value After
Reset
TCNT1
TCNT1
FEC0h
Read/Write
TCRA
TCRA
FEC2h
Read/Write
TCRB
TCRB
FEC4h
Read/Write
TCNT2
TCNT2
FEC6h
Read/Write
TPRSC
Reserved
CLKPS
FEC8h
Read/Write
00h
TCKC
Reserved
C2CSEL
C1CSEL
FECAh
Read/Write
00h
TCTRL
Reserved
TAOUT
TBEN
TAEN
TBEDG
TAEDG
MDSEL
FECCh
Read/Write
00h
TICTL
TDIEN
TCIEN
TBIEN
TAIEN
TDPND
TCPND
TBPND
TAPND
FECEh
Read/Write
00h
TICLR
Reserved
TDCLR
TCCLR
TBCLR
TACLR
FED0h
Read/Write
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com