Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 165 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 165 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 160Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 161Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 162Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 163Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 164Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 165Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 166Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 167Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 168Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 165 / 168 page
background image
Bootloader Description
165
www.national.com
B.3.2
On-Chip RAM
On-chip RAM is used for variable storage, interrupt dispatch table and stack usage. The addresses used are:
F000h - F00Fh variables (16 bytes)
F010h - F06Fh Interrupt Dispatch Table (96 bytes)
F070h - F3BFh User-assignable
F3C0h - F3DFh Interrupt Stack (32 bytes)
F3E0h - F3FFh Program Stack (32 bytes)
B.4
BOOTLOADER PROGRAM OPERATION
Begin Bootload
If MCFG.6 = 1 (Test Mode)
If PH.3 =1 (16-bit wide bus)
set MCFG.EXM16 (configure MCFG Register for 16-bit bus, SZCFG0.BW = 1 after reset)
Else reset SZCFG0.BW (configure for 8-bit bus, MCFG.EXM16 = 0 after reset)
Jump PC+0x10000 (jump to upper copy of this program)
Set MCFG.SHOFF (turn off Base Memory Shadow which allows access to external memory)
Jump 0 (go to external test routine at address 0 of external memory)
Else (Not in Test Mode)
Reset PSR (clear Program Status Register)
Set DBGCFG.ON (enables debug of boot code when using an ICE)
Jump PC+0x10000 (jump to upper copy of this program)
Initialize SP & ISP (see RAM memory map)
Copy Dispatch Table from this ROM into RAM (RAM address F010 to F06F, 96 bytes)
Initialize INTBASE to point to the Dispatch Table
Set MCFG.SHOFF (turn off Base Memory Shadow which allows access to external memory)
If PH.3 =1 (16-bit wide bus)
Set MCFG.EXM16 (configure MCFG Register for 16-bit bus, SZCFG0.BW = 1 after reset)
Else reset SZCFG0.BW (configure for 8-bit bus, MCFG.EXM16 = 0 after reset)
If STRPST.SHBM = 1 (read Strap Register, Shared BIOS Memory bit)
Set PEALT.1 (Enable A18 External Address Line)
Set MCFG.A15E (A15 External Address Line Enable)
If the four signature bytes in the external memory configuration block are not valid, jump to Config_Mem_Fail
Get address of KBC header
Initialize configuration registers
Copy MCFG data from Config Block into MCFG Register (only CLKOE, EXIOE & EXMA15 bits are copied)
Copy SZCGF0 value from Config Block into SZCFG0 Register (BW bit is not copied)
Copy SZCGF1 value from Config Block into SZCFG1 Register (BW bit is set, Zone 1 always 16-bit wide)
Copy IOCFG value from Config Block into IOCFG Register
Copy BCFG value from Config Block into BCFG Register
Copy PEALT value from Config Block into PEALT Register
Copy Page value from Config Block into Page Register (External memory access now restricted to KBC code)
Name
Type
Pin No.
Definition
176-Pin
TQFP
160-Pin
PQFP
PH.3
Input
101
91
0=8-bit External Memory bus
1=16-bit External Memory bus
PC.0
Output
61
55
0=Accepts only limited commands on port 64h during EXT_Mem_Fail routine
1=Bootload successful



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com