Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 52 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 48Page - STMicroelectronics UM1871 Datasheet HTML 49Page - STMicroelectronics UM1871 Datasheet HTML 50Page - STMicroelectronics UM1871 Datasheet HTML 51Page - STMicroelectronics UM1871 Datasheet HTML 52Page - STMicroelectronics UM1871 Datasheet HTML 53Page - STMicroelectronics UM1871 Datasheet HTML 54Page - STMicroelectronics UM1871 Datasheet HTML 55Page - STMicroelectronics UM1871 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
Figure 25. Motor control
life.augmented
Size:A3
Date:
Project:
Title:
Reference:
Revision:
Sheet:
of
MC_WL
STOP_TIM8_BKIN
MC_EncA_CH2
MC_DissipativeBrake
MC_Bus_Voltage
MC_IndCurr
MC_Heatsink
MC_PFC_Shutdown
MC_UH
MC_EncIndex
MC_UL
MC_VH
MC_CurrentIN2
MC_WH
MC_Vac
MC_CurrentIN3
MC_VL
MC_PFCsync
MC_ICL
MC_CurrentIN1
MC_PFCpwm
MC_EncA_CH1
+3V3
+3V3
+3V3
C14
OPEN
C16
1nF
.
C7
1nF
.
C2
OPEN
R3
3.3K
.
C15
100nF
.
C3
OPEN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
GND
GND
PFC PWM
GND
GND
PFC Vac
PFC Shut down
3.3V Power
PFC SYNC
PWM_3H
PHASE A CURRENT+
PWM_1L
PWM_2L
PFC Inductor current
PHASE B CURRENT+
PWM_3L
PWM_1H
ICL Shut out
PWM_2H
EMERGENCY STOP
PHASE C CURRENT+
DISSIPATIVE BRAKE
GND
PHASE C CURRENT-
GND
PHASE B CURRENT-
Heatsink Temperature
PHASE A CURRENT-
BUS VOLTAGE
GND
Encoder Index
+5V POWER
Encoder A
Encoder B
CN3
HE10-34-MD
C9
100nF
.
SB68
CLOSE 0R
SB65
CLOSE 0R
SB51
CLOSE 0R
C13
OPEN
SB118
OPEN
C6
OPEN
SB88
CLOSE 0R
C8
OPEN
C12
OPEN
C10
OPEN
C4
OPEN
R2
100K
.
SB89
CLOSE 0R
SB90
CLOSE 0R
C1
10nF
.
R1
3.3K
.
SB66
CLOSE 0R
SB80
CLOSE 0R
C5
OPEN
C11
OPEN
TP2
5001
.
17
STM32446E-EVAL
PB8
PC0
MOTOR CONTROL
PC3
PB12
PC1
PC2
PA11
PB7
PB6
PD3
PG6
PB1
PC8
PB0
PC7
PA5
PC6
11/03/15
PA8
B-02
12
MB1162
PA3
PA2
PA1
PA6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com