Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 41Page - STMicroelectronics UM1871 Datasheet HTML 42Page - STMicroelectronics UM1871 Datasheet HTML 43Page - STMicroelectronics UM1871 Datasheet HTML 44Page - STMicroelectronics UM1871 Datasheet HTML 45Page - STMicroelectronics UM1871 Datasheet HTML 46Page - STMicroelectronics UM1871 Datasheet HTML 47Page - STMicroelectronics UM1871 Datasheet HTML 48Page - STMicroelectronics UM1871 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
Figure 18. USB OTG FS
life.augmented
Size:A3
Date:
Project:
Title:
Reference:
Revision:
Sheet:
of
MFX_IO7
USB_FS_ID
USB_FS_DP
USB_FS_DM
USB_FS_VBUS
MFX_IO6
VBUS_FS
+3V3
+5V
+3V3
E
B
C
T5
MMBT9013
1
2
3
4
5
OUT
GND
FAULT
EN
IN
U6
STMPS2151STR
R82
47K
.
R81
620R
.
1
2
3
4
5
6
7
8
9
D+
D-
VBUS
ID
GND
GND
GND
GND
GND
CN9
SD475900001
A2
A3
B1
B2
B3
C1
C2
C3
D1
D2
D3
PD2
D-IN
D+OUT
GND
D-OUT
DZ
ID
PD1
PUP
VBUS
D+IN
U7
EMIF02-USB03F2
SB138
CLOSE 0R
SB55
CLOSE 0R
SB137
CLOSE 0R
R172
10K
R87
330R
.
R84
47K
R83
10K
.
C36
4.7uF
LD6
19-213-R6C-AP1Q2B-3T
LD5
19-21SYGC_S530-E2_TR8
R85
10K
USB_OTG_FS
PA11
RED
GREEN
5
17
STM32446E-EVAL
TO MFX
OTG_FS_OverCurrent
OTG_FS_PowerSwitchOn
PA12
PA10
11/03/15
B-02
MB1162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com