Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 23Page - STMicroelectronics UM1871 Datasheet HTML 24Page - STMicroelectronics UM1871 Datasheet HTML 25Page - STMicroelectronics UM1871 Datasheet HTML 26Page - STMicroelectronics UM1871 Datasheet HTML 27Page - STMicroelectronics UM1871 Datasheet HTML 28Page - STMicroelectronics UM1871 Datasheet HTML 29Page - STMicroelectronics UM1871 Datasheet HTML 30Page - STMicroelectronics UM1871 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
DocID027604 Rev 3
27/64
UM1871
Connectors
63
Note:
Some 0 Ohm resistors have to be removed or soldered to enable motor control application,
except the solder bridges configurations mentioned above.
3.2
RF connectors CN6 and CN7
Encoder A
PB6
31
Close:SB53
Close:SB73
32
PC3
PFC Vac
Encoder B
PB7
33
-
-
34
PB8
Encoder
Index
Table 12. Motor Control connector CN13 (continued)
Description
Pin of
STM32F4x
Pin
number
of CN3
Solder
bridge
Solder
bridge
Pin
number
of CN3
Pin of
STM32F4x
Description
Table 13. RF connector CN6
Pin number
Signal name
Pin number
Signal name
1
RF_INT1
11
RF_SAI1_FS_A
2
I2C4_SDA
12
RF_SAI1_MCLK_A
3
I2C4_SCL
13
GND
4GND
14
+3V3
5
RF_SPI2_MOSI/2_SD
15
SDCARD_CMD
6
RF_SPI2_SCK/2_CK
16
SDCARD_CK
7
RF_SPI2_MISO
17
SDCARD_D3
8
RF_SPI2_CS
18
SDCARD_D2
9
RF_SAI1_SCK_A
19
SDCARD_D1
10
RF_SAI1_SD_A
20
SDCARD_D0
Table 14. RF connector CN7
Pin number
Signal name
Pin number
Signal name
1
GND
10
RF_USART6_CTS
2
RF_INT2
11
RF_USART6_TX
3
RF_VDDA
12
RF_USART6_RX
4
GND
13
RF_USART6_CK
5
RF_ADCb_12_IN5
14
RF_USART6_RTS
6
RF_ADCa_123_IN3
15
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com