Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 7Page - STMicroelectronics UM1871 Datasheet HTML 8Page - STMicroelectronics UM1871 Datasheet HTML 9Page - STMicroelectronics UM1871 Datasheet HTML 10Page - STMicroelectronics UM1871 Datasheet HTML 11Page - STMicroelectronics UM1871 Datasheet HTML 12Page - STMicroelectronics UM1871 Datasheet HTML 13Page - STMicroelectronics UM1871 Datasheet HTML 14Page - STMicroelectronics UM1871 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
DocID027604 Rev 3
11/64
UM1871
Hardware layout and configuration
63
2.2
Power supply
STM32446E-EVAL evaluation board is designed to be powered by 5 V DC power supply
and to be protected by PolyZen from wrong power plug-in event. It is possible to configure
the evaluation board to use any of the following five sources for the power supply:
•
5 V DC power adapter connected to CN20 (PSU on silkscreen), the Power Jack on the
board. The external power supply is not provided with the board.
•
5 V DC power with 500 mA limitation from CN9, the USB_OTG_FS Micro-AB
connector
•
5 V DC power with 500 mA limitation from CN8, the USB_OTG_HS Micro-AB
connector
•
5 V DC power with 300 mA limitation from CN16, the ST-LINK/V2 USB
•
5 V DC power from both CN10 and CN12, the extension connector for daughterboard
In case the boards is powered by an external 5V power supply connected to CN20 or CN10
and CN12, this power source must comply with the standard EN-60950-1: 2006+A11/2009,
and must be Safety Extra Low Voltage (SELV) with limited power capability.
The power supply is configured using JP12, JP21 and JP9 as described in Table 2: 32 KHz
crystal Y2 related solder bridges.
Table 1. Power related jumpers and solder bridges
Jumper
Description
JP12
MCU_VDD is connected to 3.3 V power when JP12 is closed and MCU current
consumption measurement can be done manually by multi-meter when JP12 is open.
Default setting: Fitted.
JP21
To select the ST-LINK/V2-1 USB connector (CN16) power supply, set JP21 on U5V
position as shown (default setting):
To select power supply jack (CN20 PSU) power supply, set JP21 on PSU as shown:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com