Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 44 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 40Page - STMicroelectronics UM1871 Datasheet HTML 41Page - STMicroelectronics UM1871 Datasheet HTML 42Page - STMicroelectronics UM1871 Datasheet HTML 43Page - STMicroelectronics UM1871 Datasheet HTML 44Page - STMicroelectronics UM1871 Datasheet HTML 45Page - STMicroelectronics UM1871 Datasheet HTML 46Page - STMicroelectronics UM1871 Datasheet HTML 47Page - STMicroelectronics UM1871 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
Figure 17. USB OTG HS
ULPI_D0
ULPI_D7
ULPI_D6
ULPI_D4
ULPI_D3
ULPI_D1
ULPI_D5
ULPI_D2
life.augmented
Size:A3
Date:
Project:
Title:
Reference:
Revision:
Sheet:
of
ULPI_NXT
ULPI_DIR
RESET#
MFX_IO8
ULPI_STP
ULPI_CK
+5V
+3V3
+3V3
VBUS_HS
+3V3
+3V3
A1
A2
B1
B2
A1
A2
B1
B2
CIT1
ESDA14V2-2BF3
LD7
19-21SYGC_S530-E2_TR8
L1
EXC-3BP121H
A1
A2
B1
B2
CIT2
USBULC6-2F3
1
2
3
4
5
OUT
GND
FAULT
EN
IN
U3
STMPS2151STR
R67
620R
C142
100nF
.
C140
100nF
.
R66
12K
R65
1M
C139
100nF
.
.
R55
820R
C141
100nF
.
R42
4.7K
.
R40
4.7K
.
R39
1K
R43
47K
R56
10K
.
R41
330R
.
.
E
B
C
T3
MMBT9012
R54
3.3K
E
B
C
T4
MMBT9013
XO
VDD1_8_1
DIR
DATA0
VBUS
DP
DATA3
EXTVBUS
CLKOUT
VDD3_3_2
STP
GND1
RESET
GND2
RBIAS
DATA2
DATA7
VDD3_3_4
XI
DATA6
USB3300-EZK
NXT
VDD1_8_2
DATA5
VDD3_3_3
ID
DM
VDDA1_8
CPEN
GND3
VDD3_3_1
DATA4
REG_EN
DATA1
.
LD10
19-213-R6C-AP1Q2B-3T
SB130
CLOSE 0R
.
R53
33R
C29
4.7uF
.
R173
10K
Y3
24MHz
.
C30
100nF
.
1
2
3
4
5
6
7
8
9
D+
D-
VBUS
ID
GND
GND
GND
GND
GND
CN8
SD475900001
C23
4.7uF
C31
100nF
.
C32
4.7uF
.
C34
33pF
.
C35
33pF
.
SB139
CLOSE 0R
OTG_HS_OverCurrent
16
GREEN
XO75-YEGTC-24.000MHz
14
2
13
17
20
1
19
3
4
5
6
29
8
7
9
10
11
12
15
18
21
22
23
24
25
26
27
28
30
31
32
33
To MFX
4
17
STM32446E-EVAL
USB_OTG_HS
PC3
PA3
PB0
PB1
PB10
PB2
PB12
PB13
PB5
RED
U4
11/03/15
PA5
PC2
PC0
B-02
MB1162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com