Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 42 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 38Page - STMicroelectronics UM1871 Datasheet HTML 39Page - STMicroelectronics UM1871 Datasheet HTML 40Page - STMicroelectronics UM1871 Datasheet HTML 41Page - STMicroelectronics UM1871 Datasheet HTML 42Page - STMicroelectronics UM1871 Datasheet HTML 43Page - STMicroelectronics UM1871 Datasheet HTML 44Page - STMicroelectronics UM1871 Datasheet HTML 45Page - STMicroelectronics UM1871 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
Figure 15. MCU 2
FMC_A10
FMC_A11
FMC_A12
FMC_D13
FMC_D15
FMC_D14
FMC_D2
FMC_D1
FMC_D0
FMC_D3
FMC_D4
FMC_D5
FMC_D6
FMC_D11
FMC_D8
FMC_D9
FMC_D7
FMC_D10
FMC_D12
FMC_A2
FMC_A1
FMC_A0
FMC_A3
FMC_A5
FMC_A4
FMC_A6
FMC_A9
FMC_A7
FMC_A8
FMC_A[10-12]
FMC_D[0-3]
FMC_D[13-15]
FMC_D[4-12]
life.augmented
Size:A3
Date:
Project:
Title:
Reference:
Revision:
Sheet:
of
RF_USART6_CK
RF_USART6_CTS
FMC_SDNCAS
SPDIF_RX0
FMC_NE1
SAI2_SDA
MC_DissipativeBrake
FMC_BA0
QSPI_BK1_IO0
FMC_BA1
QSPI_CLK
I2C4_SCL
RF_INT2
I2C4_SDA
SDCARD_CMD
QSPI_BK1_IO3
D10
FMC_NBL0
FMC_NOE
FMC_NWE
QSPI_BK1_IO2
RF_SAI1_SD_B
TRACE_D0
RF_SPI2_CS
D11
MFX_WAKEUP
FMC_NBL1
RF_SAI1_MCLK_A
TRACE_D2
FMC_SDNRAS
TRACE_D1
RF_SAI1_FS_A
QSPI_BK1_IO1
TRACE_CLK
RF_SAI1_SCK_A
RF_SAI1_SD_A
TRACE_D3
Bootloader_BOOT0
QSPI_BK1_NCS
SAI2_SDB
RF_USART6_TX
SAI2_FSB
FMC_SDCLK
MC_ICL
RF_USART6_RTS
+3V3
+3V3
+3V3
PF13
R9
820R
.
PG10
PG10
PG14
PG14
PG15
PG15
R71
33R
SB57
CLOSE 0R
PG7
PG2
PG4
PG5
PF14
PG3
PG3
1
2
3
SW1
09 03290 01
SB16
CLOSE 0R
SB119
CLOSE 0R
R23
820R
.
R46
33R
Y4
8MHz
PG11
PG11
PG12
PG13
PG13
PF3
BOOT0
R68
10K
.
PF12
SB60
CLOSE 0R
SB61
CLOSE 0R
D2
BAT60JFILM
.
SB62
OPEN
R47
33R
SB25
CLOSE 0R
SB70
CLOSE 0R
C125
20pF
PD15
PF11
SB120
CLOSE 0R
PF15
PG0
R10
33R
R61
33R
SB45
CLOSE 0R
SB44
CLOSE 0R
SB36
CLOSE 0R
R35
33R
SB122
CLOSE 0R
.
R57
33R
R27
33R
R14
33R
R48
33R
R96
33R
R31
33R
R70
33R
R15
33R
R26
33R
SB42
CLOSE 0R
SB67
OPEN
PF8
PF5
PE14
PE14
PF0
PF9
PF2
PF7
PF1
PF6
PF4
R49
33R
R52
33R
R72
33R
R74
33R
PG9
PG9
PG8
PG8
PE15
PE15
PG6
PH0
PH0_OSC_IN
BOOT0
PF10
PD8
PE12
PE12
PD4
PD10
PD11
PD11
PE4
PE4
PG1
R73
33R
SB35
CLOSE 0R
SB17
CLOSE 0R
SB34
CLOSE 0R
R37
33R
R28
33R
.
SB27
CLOSE 0R
R25
33R
R34
33R
PE5
PE5
PD2
PD2
PD6
PD6
PD3
PD3
PD5
PD12
PD12
PE1
PE1
PD7
PD1
PE6
PE6
R36
33R
R38
33R
PD9
PD13
PD13
PE3
PE3
.
R17
33R
R18
33R
SB77
CLOSE 0R
R16
33R
R33
33R
PE7
PE7
PE8
PE8
PE0
PE0
PE10
PE10
PE11
PE11
PD0
U2
R69
33R
R50
33R
R51
33R
R24
33R
R32
33R
SB75
CLOSE 0R
PE13
PE13
PE9
PE9
PD14
R45
33R
1
2
JP3
AF1-D-02-T/G
.
R58
33R
.
SB69
CLOSE 0R
R11
33R
R13
33R
PH1
PH1_OSC_OUT
PE2
PE2
STM32F446ZET6
SB76
CLOSE 0R
R60
33R
R12
33R
C120
20pF
57
122
10
50
56
90
123
132
MCU_2
24
93
86
85
11
5
142
66
49
65
54
23
127
64
138
63
60
59
87
58
88
141
4
3
2
1
HC-49S-C16QSA-8M
81
124
79
80
78
89
77
17
82
68
67
92
126
STM32446E-EVAL
19
18
15
20
21
22
118
2
119
117
116
115
114
125
53
55
11/03/15
B-02
MB1162
14
13
12
128
129
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com